Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD549 Datasheet(PDF) 1 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 1 Page - Analog Devices

  AD549 Datasheet HTML 1Page - Analog Devices AD549 Datasheet HTML 2Page - Analog Devices AD549 Datasheet HTML 3Page - Analog Devices AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultralow Input Bias Current
Operational Amplifier
AD549
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow input bias current
60 fA maximum (AD549L)
250 fA maximum (AD549J)
Input bias current guaranteed over the common-mode
voltage range
Low offset voltage
0.25 mV maximum (AD549K)
1.00 mV maximum (AD549J)
Low offset drift
5 μV/°C maximum (AD549K)
20 μV/°C maximum (AD549J)
Low power
700 μA maximum supply current
Low input voltage noise
4 μV p-p over 0.1 Hz to 10 Hz
MIL-STD-883B parts available
APPLICATIONS
Electrometer amplifier
Photodiode preamp
pH electrode buffer
Vacuum ion gauge measurement
CONNECTION DIAGRAM
AD549
OFFSET NULL
OUTPUT
V–
OFFSET
NULL
NONINVERTING
INPUT
V+
GUARD PIN,
CONNECTED
TO CASE
INVERTING
INPUT
VOS TRIM
–15V
10kΩ
6
1
5
4
7
3
2
8
1
5
4
Figure 1.
GENERAL DESCRIPTION
The AD5491 is a monolithic electrometer operational amplifier
with very low input bias current. Input offset voltage and input
offset voltage drift are laser trimmed for precision performance.
The ultralow input current of the part is achieved with Topgate™
JFET technology, a process development exclusive to Analog
Devices, Inc. This technology allows fabrication of extremely
low input current JFETs compatible with a standard junction
isolated bipolar process. The 1015 Ω common-mode impedance,
which results from the bootstrapped input stage, ensures that
the input current is essentially independent of the common-
mode voltage.
The AD549 is suited for applications requiring very low input
current and low input offset voltage. It excels as a preamp for a
wide variety of current output transducers, such as photodiodes,
photomultiplier tubes, or oxygen sensors. The AD549 can also
be used as a precision integrator or low droop sample-and-hold.
The AD549 is pin compatible with standard FET and electrometer
op amps, allowing designers to upgrade the performance of
present systems at little additional cost.
The AD549 is available in a TO-99 hermetic package. The case
is connected to Pin 8, thus, the metal case can be independently
connected to a point at the same potential as the input terminals,
minimizing stray leakage to the case. The AD549 is available in
four performance grades. The J, K, and L versions are rated over
the commercial temperature range of 0°C to +70°C. The S grade
is specified over the military temperature range of −55°C to +125°C
and is available processed to MIL-STD-883B, Rev. C. Extended
reliability plus screening is also available. Plus screening includes
168 hour burn-in, as well as other environmental and physical
tests derived from MIL-STD-883B, Rev. C.
PRODUCT HIGHLIGHTS
1.
The AD549 input currents are specified, 100% tested, and
guaranteed after the device is warmed up. They are guaran-
teed over the entire common-mode input voltage range.
2.
The AD549 input offset voltage and drift are laser trimmed
to 0.25 mV and 5 μV/°C (AD549K), and to 1 mV and
20 μV/°C (AD549J).
3.
A maximum quiescent supply current of 700 μA minimizes
heating effects on input current and offset voltage.
4.
AC specifications include 1 MHz unity-gain bandwidth
and 3 V/μs slew rate. Settling time for a 10 V input step is
5 μs to 0.01%.
1 Protected by U.S. Patent No. 4,639,683.


Similar Part No. - AD549

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
Ultralow Input Bias Current Operational Amplifier
AD549 AD-AD549 Datasheet
1Mb / 19P
Ultralow Input Bias Current Operational Amplifier
2/15-Rev. J to Rev. K
AD549 AD-AD549 Datasheet
1Mb / 18P
Ultralow Input Bias Current Operational Amplifier
Rev. K
AD549J AD-AD549J Datasheet
418Kb / 12P
Ultralow Input Bias Current Operational Amplifier
AD549JCHIPS AD-AD549JCHIPS Datasheet
418Kb / 12P
Ultralow Input Bias Current Operational Amplifier
More results

Similar Description - AD549

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
Ultralow Input Bias Current Operational Amplifier
OP-297 AD-OP-297 Datasheet
592Kb / 16P
DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
OP297 AD-OP297 Datasheet
191Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
REV.D
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
HT1104Z ETC1-HT1104Z Datasheet
27Kb / 2P
HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_03 Datasheet
266Kb / 12P
Dual Low Bias Current Precision Operational Amplifier
7/03-Data Sheet changed from REV. D to REV. E.
OP297 AD-OP297_06 Datasheet
323Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_15 Datasheet
342Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. G
AD549 AD-AD549_17 Datasheet
1Mb / 19P
Ultralow Input Bias Current Operational Amplifier
2/15-Rev. J to Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com