Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1237 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 16Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 17Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 18Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 19Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 20Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 21Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 22Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 23Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Microcontroller Interface (Continued)
READ SEQUENCE
Read sequences are comprised of two I
2C compatible trans-
fer sequences: The first is a write sequence that only trans-
fers the two byte address to be accessed. The second is a
read sequence that starts at the address transferred in the
previous address only write access and increments to the
next address upon every data byte read. This is shown in
Figure 20. The write sequence consists of the Start Pulse,
the Slave Device Address, the Read/Write bit (a zero, indi-
cating a write) and the Acknowledge bit; the next byte is the
least significant byte of the address to be accessed, followed
by its Acknowledge bit. This is then followed by a byte
containing the most significant address byte, followed by its
Acknowledge bit. Then a Stop bit indicates the end of the
address only write access. Next the read data access will be
performed beginning with the Start Pulse, the Slave Device
Address, the Read/Write bit ( a one, indicating a read) and
the Acknowledge bit. The next 8 bits will be the read data
driven out by the LM1237 preamp associated with the ad-
dress indicated by the two address bytes. Subsequent read
data bytes will correspond to the next increment address
locations. Data should only be read from the LM1237 when
both OSD windows are disabled.
20023426
FIGURE 19. I
2C Compatible Write Sequence
20023427
FIGURE 20. I
2C Compatible Read Sequence
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com