Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1237 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 34Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 35Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 36Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 37Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 38Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 39Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 40Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 41Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Pre-Amplifier Interface Registers (Continued)
Bit 3
This is the OSD override bit. This should be set to 0 for normal operation. When set to a 1, the video
outputs are disconnected and OSD only is displayed. This is useful for the OSD display of special
conditions such as “No Signal” and “Input Signal Out of Range”, to avoid seeing unsynchronized video.
Bit 4
Reserved and should be set to zero.
Bit 5
This is the Clamp Polarity bit. When set to a 0, the LM1237 expects a positive going clamp pulse.
When set to a 1, the expected pulse is negative going.
Bits 7–6
Reserved and should be set to zero.
SOFTWARE RESET AND TEST CONTROL REGISTER
Register Name (address): SRTSTCTRL (0x843F)
7
654321
0
RSV
AID
RSV
RSV
RSV
RSV
RSV
SRST
Bit 0
When this bit is a 1, all registers except this one are loaded with their default values. All operations are
aborted, except data transfers in progress on the I
2C compatible bus. This bit clears itself when the reset is
complete.
Bits 5–1
Reserved and should be set to zero.
Bit 6
This bit disables the register Auto-Increment feature of the I
2C compatible protocol. When set to a 1
Auto-Increment is disabled and when a 0, AI is enabled.
Bit 7
Reserved and should be set to zero.
Attribute Table and Enhanced Features
Each display character and SL in the Display Page RAM will have a 4-bit Attribute Table entry associated with it. The user should
note that two-color display characters and four-color display characters use two different Attribute Tables, effectively providing 16
attributes for two-color display characters and 16 attributes for four-color display characters.
For two-color characters the attribute contains the code for the 9-bit foreground color (Color 2), the code for the 9-bit background
color (Color 1), and the character’s enhanced features (Button Box, Blinking, Heavy Box, Shadowing, Bordering, etc.).
For four-color characters the attribute contains the code for the 9-bit Color 1, the code for the 9-bit Color 2, the code for the 9-bit
Color 3, the code for the 9-bit Color 4 and the character’s enhanced features (Button Box, Blinking, Heavy Box, Shadowing,
Bordering, etc.).
TWO COLOR ATTRIBUTE FORMAT
Register Names (addresses):
ATT2C3n (0x8443+n*4), ATT2C2n (0x8442+n*4), ATT2C1n (0x8441+n*4), ATT2C0n (0x8440+n*4), where n is the attribute
value as described in Table 100.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
EFB3
EFB2
EFB1
EFB0
C2B2
C2B1
15
14
13
12
11
10
987654321
0
C2B0
C2G2 C2G1 C2G0
C2R2
C2R1
C2R0
C1B2
C1B1
C1B0
C1G2 C1G1 C1G0
C1R2
C1R1
C1R0
Bits 8–0
These nine bits determine the background color (color1) which is displayed when the corresponding OSD
pixel is a 0.
Bits 17–9
These nine bits determine the foreground color (color2) which is displayed when the corresponding OSD pixel
isa1.
Bits 21 –18
These are the enhanced feature (EF) bits which determine which feature is applied to the displayed character.
The features and their corresponding codes are shown in Table 13. Enhanced Feature Descriptions.
Bits 31–22
Reserved and should be set to zero.
TABLE 13. Enhanced Feature Descriptions
Bits 21–18
Feature Description
0000b
Normal Display (color2/color1)
0001b
Blinking
0010b
Shadowing
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com