Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1237 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 27Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 28Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 29Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 30Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 31Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 32Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 33Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 34Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Control Register Definitions (Continued)
Frame Control Register 2
Register Name (address): FRMCTRL2 (0x8401)
20023436
Bits 4–0
Blinking Period. These five bits set the blinking period of the blinking feature, which is determined by
mulitiplying the value of these bits by 8, and then multiplying the result by the vertical field rate.
Bits 7–5
Pixels per Line. These three bits determine the number of pixels per line of OSD characters per the following
table which also lists the maximum horizontal scan rate recommended for each setting.
Bits 7–5
Description
Max Horizontal Frequency (kHz)
0x0
512 pixels per line
125
0x1
576 pixels per line
119
0x2
640 pixels per line
112
0x3
704 pixels per line
106
0x4
768 pixels per line
100
0x5
832 pixels per line
93
0x6
896 pixels per line
87
0x7
960 pixels per line
81
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com