Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6226 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6226
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226 Datasheet(HTML) 3 Page - STMicroelectronics

  L6226 Datasheet HTML 1Page - STMicroelectronics L6226 Datasheet HTML 2Page - STMicroelectronics L6226 Datasheet HTML 3Page - STMicroelectronics L6226 Datasheet HTML 4Page - STMicroelectronics L6226 Datasheet HTML 5Page - STMicroelectronics L6226 Datasheet HTML 6Page - STMicroelectronics L6226 Datasheet HTML 7Page - STMicroelectronics L6226 Datasheet HTML 8Page - STMicroelectronics L6226 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
L6226
THERMAL DATA
PIN CONNECTIONS (Top View)
(5) The slug is internally connected to pins 1,18,19 and 36 (GND pins).
Symbol
Description
PowerDIP24
SO24
PowerSO36
Unit
Rth-j-pins
MaximumThermal Resistance Junction-Pins
19
15
-
°C/W
Rth-j-case
Maximum Thermal Resistance Junction-Case
-
-
2
°C/W
Rth-j-amb1
MaximumThermal Resistance Junction-Ambient 1
(1)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the bottom side of 6 cm2 (with a thickness of 35 µm).
44
52
-
°C/W
Rth-j-amb1
Maximum Thermal Resistance Junction-Ambient 2
(2)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm).
--
36
°C/W
Rth-j-amb1
MaximumThermal Resistance Junction-Ambient 3
(3)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm), 16 via holes
and a ground layer.
--
16
°C/W
Rth-j-amb2
Maximum Thermal Resistance Junction-Ambient 4
(4)
Mounted on a multi-layer FR4 PCB without any heat sinking surface on the board.
59
78
63
°C/W
PowerDIP24/SO24
PowerSO36(5)
GND
GND
OUT1B
OCDB
SENSEB
IN2B
IN1B
1
3
2
4
5
6
7
8
9
PROGCLB
VBOOT
ENB
OUT2B
VSB
GND
GND
19
18
17
16
15
13
14
D99IN1089A
10
11
12
24
23
22
21
20
IN1A
IN2A
SENSEA
OCDA
OUT1A
VSA
OUT2A
VCP
ENA
PROGCLA
GND
N.C.
N.C.
VSA
OCDA
OUT1A
N.C.
N.C.
N.C.
N.C.
N.C.
OUT1B
OCDB
N.C.
VSB
N.C.
N.C.
GND
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
GND
GND
D99IN1090A
IN1A
SENSEA
IN2A
SENSEB
IN2B
IN1B
9
8
7
28
29
30
PROGCLA
PROGCLB
10
27
OUT2A
ENA
VCP
ENB
OUT2B
VBOOT
14
12
11
23
25
26
N.C.
N.C.
13
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com