Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6226 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6226
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226 Datasheet(HTML) 4 Page - STMicroelectronics

  L6226 Datasheet HTML 1Page - STMicroelectronics L6226 Datasheet HTML 2Page - STMicroelectronics L6226 Datasheet HTML 3Page - STMicroelectronics L6226 Datasheet HTML 4Page - STMicroelectronics L6226 Datasheet HTML 5Page - STMicroelectronics L6226 Datasheet HTML 6Page - STMicroelectronics L6226 Datasheet HTML 7Page - STMicroelectronics L6226 Datasheet HTML 8Page - STMicroelectronics L6226 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
L6226
4/22
PIN DESCRIPTION
PACKAGE
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
PIN #
PIN #
1
10
IN1A
Logic input
Bridge A Logic Input 1.
2
11
IN2A
Logic input
Bridge A Logic Input 2.
3
12
SENSEA
Power Supply
Bridge A Source Pin. This pin must be connected to Power
Ground directly or through a sensing power resistor.
413
OCDA
Open Drain
Output
Bridge A Overcurrent Detection and thermal protection pin.
An internal open drain transistor pulls to GND when
overcurrent on bridge A is detected or in case of thermal
protection.
5
15
OUT1A
Power Output
Bridge A Output 1.
6, 7,
18, 19
1, 18,
19, 36
GND
GND
Signal Ground terminals. In Power DIP and SO packages,
these pins are also used for heat dissipation toward the
PCB.
8
22
OUT1B
Power Output
Bridge B Output 1.
9
24
OCDB
Open Drain
Output
Bridge B Overcurrent Detection and thermal protection pin.
An internal open drain transistor pulls to GND when
overcurrent on bridge B is detected or in case of thermal
protection.
10
25
SENSEB
Power Supply
Bridge B Source Pin. This pin must be connected to Power
Ground directly or through a sensing power resistor.
11
26
IN1B
Logic Input
Bridge B Input 1
12
27
IN2B
Logic Input
Bridge B Input 2
13
28
PROGCLB
R Pin
Bridge B Overcurrent Level Programming. A resistor
connected between this pin and Ground sets the
programmable current limiting value for the bridge B. By
connecting this pin to Ground the maximum current is set.
This pin cannot be left non-connected.
14
29
ENB
Logic Input
Bridge B Enable. LOW logic level switches OFF all Power
MOSFETs of Bridge B.
If not used, it has to be connected to +5V.
15
30
VBOOT
Supply
Voltage
Bootstrap Voltage needed for driving the upper Power
MOSFETs of both Bridge A and Bridge B.
16
32
OUT2B
Power Output
Bridge B Output 2.
17
33
VSB
Power Supply
Bridge B Power Supply Voltage. It must be connected to
the supply voltage together with pin VSA.
20
4
VSA
Power Supply
Bridge A Power Supply Voltage. It must be connected to
the supply voltage together with pin VSB.
21
5
OUT2A
Power Output
Bridge A Output 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com