Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6226 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6226
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6226 Datasheet HTML 2Page - STMicroelectronics L6226 Datasheet HTML 3Page - STMicroelectronics L6226 Datasheet HTML 4Page - STMicroelectronics L6226 Datasheet HTML 5Page - STMicroelectronics L6226 Datasheet HTML 6Page - STMicroelectronics L6226 Datasheet HTML 7Page - STMicroelectronics L6226 Datasheet HTML 8Page - STMicroelectronics L6226 Datasheet HTML 9Page - STMicroelectronics L6226 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
L6226
6/22
(6)
Tested at 25°C in a restricted range and guaranteed by characterization.
(7)
See Fig. 1.
(8)
See Fig. 2.
Vth(OFF)
Turn-off Input Threshold
0.8
1.3
V
Vth(HYS)
Input Threshold Hysteresis
0.25
0.5
V
Switching Characteristics
tD(on)EN
Enable to out turn ON delay time (8)
ILOAD =1.4A, Resistive Load
500
800
ns
tD(on)IN
Input to out turn ON delay time
ILOAD =1.4A, Resistive Load
(dead time included)
1.9
µs
tRISE
Output rise time(8)
ILOAD =1.4A, Resistive Load
40
250
ns
tD(off)EN
Enable to out turn OFF delay time (8) ILOAD =1.4A, Resistive Load
500
800
1000
ns
tD(off)IN
Input to out turn OFF delay time
ILOAD =1.4A, Resistive Load
500
800
1000
ns
tFALL
Output Fall Time (8)
ILOAD =1.4A, Resistive Load
40
250
ns
tdt
Dead Time Protection
0.5
1
µs
fCP
Charge pump frequency
-25°C<Tj <125°C
0.6
1
MHz
Over Current Detection
Is over
Input Supply Over Current
DetectionThreshold
-25°C<Tj <125 °C; RCL= 39 kΩ
-25°C<Tj <125 °C; RCL= 5 kΩ
-25°C<Tj <125 °C; RCL= GND
-10%
-10%
-30%
0.29
2.21
2.8
+10%
+10%
+30%
A
A
A
ROPDR
Open Drain ON Resistance
I = 4mA
40
60
Ω
tOCD(ON) OCD Turn-on Delay Time (8)
I = 4mA; CEN < 100pF
200
ns
tOCD(OFF) OCD Turn-off Delay Time (8)
I = 4mA; CEN < 100pF
100
ns
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25 °C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com