Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2WS Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # EP2WS
Description  Wirewound Anti-Surge Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EP2WS Datasheet(HTML) 3 Page - TE Connectivity Ltd

  EP2WS Datasheet HTML 1Page - TE Connectivity Ltd EP2WS Datasheet HTML 2Page - TE Connectivity Ltd EP2WS Datasheet HTML 3Page - TE Connectivity Ltd EP2WS Datasheet HTML 4Page - TE Connectivity Ltd EP2WS Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wirewound Anti-Surge Resistor
Type EP Series
9-1773463-6 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Construction
No.
Name
Material
1
Basic Body
Rod Type Ceramics
2
Resistance Wire
Ni-Cr Alloy, Cu-Ni Alloy
3
End Cap
Steel (Tin plated iron surface)
4
Lead Wire
Annealed copper wire coated with tin
5
Joint
By welding
6
Coating
Insulated & Non-Flame paint (Color: Light Green)
7
Color Code
Non-Flame epoxy resin
Dimensions
PartNo.
PowerRating
Dimension(mm)
at70℃
D±1
L±1
d±0.05
H±3
EP05W
1/2W (0.50W)
3.5
10.0
0.54
28
EP1W
1W
5.0
12.0
0.70
25
EP2W
2W
5.5
16.0
0.70
28
EP3W
3W
6.5
17.5
0.75
28
EP5W
5W
8.5
25.0
0.75
38
EP7W
7W
8.5
30.0
0.75
38
EP8W
8W
8.5
40.0
0.75
38
EP9W
9W
8.5
53.0
0.75
38
EP1WS
1W-S
3.5
10.0
0.54
28
EP2WS
2W-S
5.0
12.0
0.70
25
EP3WS
3W-S
5.5
16.0
0.70
28
EP5WS
5W-S
6.5
17.5
0.75
28
EP7WS
7W-S
8.5
25.0
0.75
38
EP8WS
8W-S
8.5
30.0
0.75
38
EP9WS
9W-S
8.5
40.0
0.75
38
EP10WS
10W-S
8.5
53.0
0.75
38
H
ød
H
D
L
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com