Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2WS Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # EP2WS
Description  Wirewound Anti-Surge Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EP2WS Datasheet(HTML) 5 Page - TE Connectivity Ltd

  EP2WS Datasheet HTML 1Page - TE Connectivity Ltd EP2WS Datasheet HTML 2Page - TE Connectivity Ltd EP2WS Datasheet HTML 3Page - TE Connectivity Ltd EP2WS Datasheet HTML 4Page - TE Connectivity Ltd EP2WS Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.
Wirewound Anti-Surge Resistor
Type EP Series
Packaging
EP Normal Size: 1/2W, 1W, 2W, 3W and EP Small Size 1WS, 2WS, 3WS, 5WS supplied taped in “ammo boxes”.
All larger sizes supplied bulk packed in boxes
How to Order
EP
3W
200R
J
EP
CommonPart
05W = 1/2W
1W = 1W
1WS = 1WS
As per Electrical
characteristics chart
Powerrating
10Ω – 10R
1KΩ -1K0
(1000Ω)
Nominal
Resistance
F = ±1%
G = ±2%
J = ±5%
K = ±10%
Resistance
Tolerance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com