Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2WS Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # EP2WS
Description  Wirewound Anti-Surge Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EP2WS Datasheet(HTML) 1 Page - TE Connectivity Ltd

  EP2WS Datasheet HTML 1Page - TE Connectivity Ltd EP2WS Datasheet HTML 2Page - TE Connectivity Ltd EP2WS Datasheet HTML 3Page - TE Connectivity Ltd EP2WS Datasheet HTML 4Page - TE Connectivity Ltd EP2WS Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wirewound Anti-Surge Resistor
Type EP Series
9-1773463-6 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
n
Power up to 10W in
Small Size
n
16 Size / Power Options
n
Specially Designed and
Tested for Surge Immunity
n
Flame Resistant Coating
TE Connectivity is pleased to offer this wire wound axial leaded resistor. Robustly manufac-
tured with high quality materials this resistor offers flame proof coating, and is designed and
tested to withstand power surges of up to 12KV.
Characteristics – Electrical
Type
Rated
Max.
Max.
Dielectric
Resistance
Operating
Power
Working
Overload
Withstanding
Range
Temp.
at70°C
Voltage
Voltage
Voltage
Range
Normal
EP05W
1/2W
500 V
1,000 V
350 V
10Ω – 560Ω
size
(0.50W)
EP1W
1W
500 V
1,000 V
500 V
10Ω– 1KΩ
EP2W
2W
500 V
1,000 V
500 V
10Ω – 2KΩ
EP3W
3W
500 V
1,000 V
500 V
10Ω – 3KΩ
EP5W
5W
500 V
1,000 V
500 V
10Ω – 5KΩ
EP7W
7W
500 V
1,000 V
500 V
10Ω – 6KΩ
EP8W
8W
500 V
1,000 V
500 V
10Ω – 10KΩ
EP9W
9W
500 V
1,000 V
500 V
10Ω – 15KΩ
Small
EP1WS
1W
500 V
1,000 V
500 V
10Ω – 560Ω
size
EP2WS
2W
500 V
1,000 V
500 V
10Ω – 1KΩ
EP3WS
3W
500 V
1,000 V
500 V
10Ω – 2KΩ
EP5WS
5W
500 V
1,000 V
500 V
10Ω – 3KΩ
EP7WS
7W
500 V
1,000 V
500 V
10Ω – 5KΩ
EP8WS
8W
500 V
1,000 V
500 V
10Ω – 6KΩ
EP9WS
9W
500 V
1,000 V
500 V
10Ω – 10KΩ
EP10WS
10W
500 V
1,000 V
500 V
10Ω – 15KΩ
-55℃ –
+155℃
-55℃ –
+155℃
-55
0
50
100
150
200
250
300
100
80
60
40
20
0
AmbientTemperature(°C)
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this curve.
Power Derating Curve
+70 °C
+155 °C
+275 °C


Similar Part No. - EP2WS

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EP2WSS10RJ TEC-EP2WSS10RJ Datasheet
518Kb / 12P
Wirewound Anti-Surge Resistors
More results

Similar Description - EP2WS

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
Anti-surge thick film chip resistor
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
RCR25C KOA-RCR25C Datasheet
96Kb / 2P
anti-surge power type leaded resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
Anti-surge thick film chip resistor
logo
MERITEK ELECTRONICS COR...
SRC MERITEK-SRC Datasheet
474Kb / 2P
Anti-Surge Resistor
logo
KOA Speer Electronics, ...
RCR50ENCT52A105J KOA-RCR50ENCT52A105J Datasheet
255Kb / 2P
anti-surge power type leaded resistor
logo
Bourns Electronic Solut...
CRS-A BOURNS-CRS-A Datasheet
777Kb / 5P
High Power Anti-Surge Resistor
WS3M22R0J BOURNS-WS3M22R0J Datasheet
493Kb / 3P
High Surge Withstand Wirewound Resistor
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com