Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE2201K0JS Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # VE2201K0JS
Description  VITREOUS ENAMEL COATED POWER RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

VE2201K0JS Datasheet(HTML) 2 Page - TE Connectivity Ltd

  VE2201K0JS Datasheet HTML 1Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 2Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 3Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INDUSTRIAL / VITREOUS ENAMEL COATED POWER RESISTOR TYPE VE SERIES
Vitreous Enamel Coated Power Resistor
Type VE Series
ENVIRONMENTAL CHARACTERISTICS
Characteristics
Condition
Compliance
Continuous power
Rated power @ 25°C
<350°C temperature on surface
Insulation resistance
Dry/normal @ 500V DC
>100MΩ
Maximum working voltage
V=√(PxR) OR maximum working voltage listed above,
whichever is lower
-
Maximum overload voltage
2.5 x rated voltage for 5 sec
-
Dielectric strength
VE15-VE45 - 1.5kV for 60 sec
No breakdown
VE70-VE90 - 2.5kV for 60 sec
VE130-VE500 - 5kV for 60 sec
Short-time overload capability
5 x rated power for 5 sec.
-
Load life
Rated wattage 1.5 hours ON - 1.5 hours OFF for 1000
hours
-
Solderability (where applicable)
350°C for up to 3 sec.
95% coverage
100
80
60
40
20
0
050
100
150
200
250
300
350
AMBIENT TEMP (C)
-55
DERATING CURVE
DIMENSIONS (Unit:mm)
Solder lug,
tinned
Screw type
lug
Faston type
terminal
End terminal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com