Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE2201K0JS Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # VE2201K0JS
Description  VITREOUS ENAMEL COATED POWER RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

VE2201K0JS Datasheet(HTML) 4 Page - TE Connectivity Ltd

  VE2201K0JS Datasheet HTML 1Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 2Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 3Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
te.com
©2024 TE Connectivity Plc. Family of Companies. All Rights Reserved.
TE Connectivity, TE connectivity (logo) and Every Connection Counts are trademarks owned or licensed by the TE Connectivity Plc. family of companies. All other logos,
products and/or company names referred to herein might be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this document, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any changes to the information contained herein
without prior notice. TE Connectivity assumes only those obligations set forth in the terms and conditions for this product and shall in no event be liable for any incidental,
indirect, or consequential damages arising out of the sale, resale, use, or misapplication of the product. TE expressly disclaims any implied warranties with respect to the
information contained herein, including, but not limited to, implied warranties of merchantability or fitness for a particular purpose. Dimensions, specifications and/or information
contained herein are for reference purposes only and are subject to change without notice. Consult TE for the latest dimensions, specifications and/or information. Users of TE
Connectivity products must make their own assessment as to whether the respective product is suitable for the respective desired application.
12/24
1773247-1
REV:A`
ED
INDUSTRIAL / VITREOUS ENAMEL COATED POWER RESISTOR TYPE VE SERIES
ORDERING INFORMATION
Part Number
VE 15  6R8 J
S
Common
VE
Vitreous enamel coated power
resistor
Power Rating
15
15W
25
25W
45
45W
70
70W etc….
Resistor Value
1R0
1 ohm (1000mΩ)
10R
10 ohm (10Ω)
100R
100 ohm (100Ω)
1K0
1K (1000Ω)
10K
10K (10000Ω)
Tolerance
J
5%
Mounting Style
-
No brackets
B
Mounting brackets
Standard part is without bracket mounting.
Bracket mounting option offered as on demand
Terminals
S
Solder Lug
F
Faston type connector
M
Screw type Lug
Standard part is with solder lug termination.
Other termination options are offered as on demand.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com