Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE2201K0JS Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # VE2201K0JS
Description  VITREOUS ENAMEL COATED POWER RESISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

VE2201K0JS Datasheet(HTML) 1 Page - TE Connectivity Ltd

  VE2201K0JS Datasheet HTML 1Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 2Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 3Page - TE Connectivity Ltd VE2201K0JS Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VITREOUS ENAMEL COATED
POWER RESISTOR
TYPE VE SERIES
INTRODUCTION
TE Connectivity (TE) introduces its vitreous enamelled tubular
power resistors (type VE series), designed for high load capacity
at low dimensions and high durability. The VE range of wire wound
tubular resistors are created for maximum power density (in free
air) and coated with a durable vitreous enamel coating providing
a reliable and resilient high-power solution. These resistors are
available with solder lug terminations as standard, and different
tube sizes for given power.
FEATURES
•
Durable vitreous enamel coating
•
High load capacity at small dimensions
•
High power dissipation in free air
•
Supplied with solder lug termination
APPLICATIONS
•
Braking
•
Capacitor charging & discharging
•
In-rush limiting
•
Electrical machinery
VE15
VE25
VE45
VE70
VE90
VE130
VE220
VE300
VE400
VE500
Rated power @ 25°C (W)
15
25
45
70
90
130
220
300
400
500
Ohmic value minimum
1R0
1R0
2R0
2R7
3R6
4R7
5R1
6R8
10R
8R2
Ohmic value maximum
3K0
4K7
7K5
10K
22K
22K
22K
22K
22K
22K
Maximum working voltage (V)
300
300
300
900
900
2500
2500
2500
2500
2500
Tolerance
5%
Operating temperature
-55°C to 300°C
Temperature coefficient of
resistance (TCR)
<±120ppm/°C
Resistor element
Wire wound
ELECTRICAL CHARACTERISTICS
Note: Rated Continuous Working Voltage (RCWV) is determined by √(Rated Power X Resistance Value) or max. working voltage listed above, whichever is lower.


Similar Part No. - VE2201K0JS

ManufacturerPart #DatasheetDescription
logo
RFE international
VE221M1CTR080100 RFE-VE221M1CTR080100 Datasheet
113Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS VE Series: Surface Mount Type
VE221M1CTR080100 RFE-VE221M1CTR080100 Datasheet
28Mb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS VE Series: SMD General Purpose
2021.05.26
VE221M1CTR080100 RFE-VE221M1CTR080100_V01 Datasheet
28Mb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS VE Series: SMD General Purpose
2021.05.26
logo
Kemet Corporation
VE2220K101R002 KEMET-VE2220K101R002 Datasheet
1Mb / 15P
Surface Mount Varistors VE Series High Temperature
VE2220K101R004 KEMET-VE2220K101R004 Datasheet
1Mb / 15P
Surface Mount Varistors VE Series High Temperature
More results

Similar Description - VE2201K0JS

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
21012D57R500JE OHMITE-21012D57R500JE Datasheet
127Kb / 1P
Dividohm짰 Vitreous Enamel Adjustable Power
L12J100E OHMITE-L12J100E Datasheet
122Kb / 1P
Vitreous Enamel Power
D25K100E OHMITE-D25K100E Datasheet
130Kb / 1P
Dividohm짰 Vitreous Enamel Adjustable Power
B20J2K5 OHMITE-B20J2K5 Datasheet
181Kb / 1P
Brown Devil짰 Vitreous Enamel Power
B20J2R0 OHMITE-B20J2R0 Datasheet
181Kb / 1P
Brown Devil짰 Vitreous Enamel Power
B20J25R OHMITE-B20J25R Datasheet
181Kb / 1P
Brown Devil짰 Vitreous Enamel Power
B20J50K OHMITE-B20J50K Datasheet
181Kb / 1P
Brown Devil짰 Vitreous Enamel Power
B20J50R OHMITE-B20J50R Datasheet
181Kb / 1P
Brown Devil Vitreous Enamel Power
L100J25RE OHMITE-L100J25RE Datasheet
180Kb / 1P
Vitreous Enamel Power
EVF OHMITE-EVF Datasheet
475Kb / 2P
Vitreous Enamel Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com