| Electronic Components Datasheet Search |
|
L6238 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6238 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 35 page ![]() 1.2 Input Default States Figure 2 depicts the two possible input structures for the logic inputs. If a particular pin is not used in an application, it may either be connected to ground or VLOGIC as required, or simply left un- connected. If no connection is made, the pin is either pulled high or low by internal constant cur- rent generators as shown A listing of the logic inputs is shown with the cor- responding default state. 1.3 Naming Convention In order to differentiate between the various types of control and status signals, the following naming convention is used. BOLD CAPITALS - Device pins. Italics - Serial port control and status signals. Three input signals form a special case. Referring to figure 3, the RUN/BRAKE input pin and the Run/Brake control signal form a logical AND func- tion, while OUTPUT ENABLE and Output Enable form an OR function. The outputs signal names, in Bold Lower case labeled Run/Brake and Out- put Enable will be used when referring to these signals. Although not shown, SEQUENCE IN- CREMENT and Sequence Increment also form an OR function, with the resultant output signal called Sequence Increment. 1.4 Modes of Operation There are 5 basic modes of operation. 1) Tristate When Output Enable is low, the output power drivers are tristated. 2) Start-Up With Output Enable high, bringing Run/Brake from a low to a high will energize the motor and the system will be driven by the Fully-Integrated StartUp Algorithm. A user-defined Start-Up Algo- rithm, under control of a MicroProcessor, can be achieved via a serial port and/or external control pins. 3) Run Identified by the Lock signal, Run mode is achieved when the motor speed (controlled by the Internal PLL) reaches the nominal speed within a predefined phase error. 4) Park When Run/Brake is brought low, energy to park the heads may be derived from the rectified Bemf. The energy recovery time is a function of the Brake Delay Time Constant. In this state, the qui- escent current of the device is minimized (sleep mode). 5) Brake After the Energy Recovery Time-Out, the device is in Brake, with all lower Drivers in full conduc- tion. During a power down, the Park Mode is triggered, followed by a Dynamic Brake. There are two mutually exclusive conditions which may be present during the Tristate Mode (wake up): Figure 2: Input Structures FUNCTION CONFIGURATION PORT DIS STROBE PORT CLK R/W DATA I/O EXT/I NT FREF ENABLE LIN OUTPUT ENABLE RUN/BRAKE SEQ INCR SYS CLOCK EXT INDEX PLL FREF PULL-UP PULL-DOWN PULL-UP PULL-UP PULL-UP PULL-DOWN PULL-DOWN PULL-DOWN PULL-DOWN PULL-UP PULL-DOWN PULL-UP PULL-UP PULL-UP Figure 3: Input Logic L6238 7/35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |