Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6238 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 8Page - STMicroelectronics L6238 Datasheet HTML 9Page - STMicroelectronics L6238 Datasheet HTML 10Page - STMicroelectronics L6238 Datasheet HTML 11Page - STMicroelectronics L6238 Datasheet HTML 12Page - STMicroelectronics L6238 Datasheet HTML 13Page - STMicroelectronics L6238 Datasheet HTML 14Page - STMicroelectronics L6238 Datasheet HTML 15Page - STMicroelectronics L6238 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
masked out, and when it is low, the Bemf informa-
tion can be detected normally. When the motor
has reached a predetermined speed, the SE-
QUENCE INCREMENT pin can be left low and
the L6238 Motor Control logic will take over and
automatically bring the motor into Phase Lock.
3,0 START-UP ALGORITHMS
3.1 Spin-Up Operation
The spin operation can be separated into 3 parts:
1) Open Loop Start-Up - The object is to create
motion in the desired direction so that the Bemf
voltages at the 3 motor terminals can provide reli-
able information enabling a transition to closed
loop operation.
2) Closed Loop Start-Up - The Bemf voltage
zerocrossings provide timing information so that
the motor can be accelerated to steady state
speed.
3) Steady-State Operation - The Bemf voltage
zero-crossings provide timing information for pre-
cision speed control.
The L6238 contains features that offer flexible
control over the start-up procedure. Either the on-
board Auto-Start Algorithm can be used to control
the start-up sequence or more sophisticated exte-
mal start-up algorithms can be developed using
the Serial Port and key control/sense functions
brought out to pins.
3.2 Auto-Start Algorithm
The Serial Port Control Bit
Auto/Ext (Refer to Ta-
ble 2), controls the start-up mode. The power up
default state is a logic high which selects the
AutoStart Mode. When Run/Brake is low, the
L6238 is in brake mode, and the Auto-Start Algo-
rithm is reset. In the brake mode, all of the lower
DMOS drivers are ON, and the upper drivers are
OFF.
Note that Run/Brake should be brought low for a
period exceeding the value selected for the brake
delay time in order to initialize the brake delay cir-
cuit.
The Auto-Start Algorithm is based on an Align &
Go approach and can be visualized by referring to
Figure 9. Shown are the Output Enable and
Run/Brake control signals, sequencer output with
the resultant output phases, and the
Align and Go
status bits. The times labeled Tl and T2 are two
Figure 9: Auto Start Profile
Tasd <1>
Tasd <0>
Ta =T1
T2
Tg
0
0
1
1
0
1
0
1
0.178 s
0.356 s
0.533 s
0.711 s
0.533 s
1.067 s
1.600 s
2.133 s
0.711 s
1.422 s
2.133 s
2.844 s
Note: PLL Reference Frequency = 90Hz
L6238
12/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com