Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6238 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 13Page - STMicroelectronics L6238 Datasheet HTML 14Page - STMicroelectronics L6238 Datasheet HTML 15Page - STMicroelectronics L6238 Datasheet HTML 16Page - STMicroelectronics L6238 Datasheet HTML 17Page - STMicroelectronics L6238 Datasheet HTML 18Page - STMicroelectronics L6238 Datasheet HTML 19Page - STMicroelectronics L6238 Datasheet HTML 20Page - STMicroelectronics L6238 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
DACs as a function of the system clock repetition
rate. Fcoarse is the system clock divided by 512,
while Ffine divides the clock by 8. This gives for
example, Coarse and Fine LSB’s of 51.3us and
800ns respectively for a system clock repetition
rate of 10MHz. Therefore the best phase jitter that
could be achieved as a function of the counter
resolution is 800ns. The dynamic range of each
counter is also shown in the table.
It can be seen that the ratio of Fine to Coarse
counts is 64. The summing amplifler divides the
Fine DAC buffer output voltage by a factor of 16.
Therefore there is a 4:1 ratio of Fine to Coarse
gain.
This results in a Speed Control Loop that is fairly
easy to compensate with excellent transient re-
sponse.
The output of the PLL Detector is fed to a gener-
al purpose. filter amplifier that is used to compen-
sate the Speed Control Loop. The filter amplifier
output stage has been carefully designed to limit
the compliance voltage to a value that tracks the
Ilim Set voltage, thus limiting the amount of over-
shoot and enhancing the transient response of
the loop.
4.5 PLL Detector Output
Figure 14 is a graph of the typical DETECTOR
OUTPUT voltage as a function of the detected
phase difference as measured on production ma-
terial. The change of the gain slope is apparent
around the zero phase difference point. With the
spindle motor at phase lock, the DETECTOR
OUTPUT voltage is typically 2.0, equivalent to the
internal Virtual Ground level.
Figure 13: Coarse/Fine DAC’s Output Graphs.
Figure 14: Vdetector Output vs Phase Error.
L6238
17/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com