Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6260 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 17Page - STMicroelectronics L6260 Datasheet HTML 18Page - STMicroelectronics L6260 Datasheet HTML 19Page - STMicroelectronics L6260 Datasheet HTML 20Page - STMicroelectronics L6260 Datasheet HTML 21Page - STMicroelectronics L6260 Datasheet HTML 22Page - STMicroelectronics L6260 Datasheet HTML 23Page - STMicroelectronics L6260 Datasheet HTML 24Page - STMicroelectronics L6260 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
both a mask counter (9 bits) and a delay counter
(11 bits). The period counter is automatically re-
set to count the next zero crossing period.
The clock used for the period and mask counters
is a function of the system clock. If the FCLK (the
system clock) is set to the 8-12MHz range then
the period and mask counters are clocked at 1/64
of the system clock, other wise the registers are
clocked at 1/32 of the system clock. The delay
counter clock is programmable via the SPIN COM
DLY bits in the Spin Control Register (2.8-2.11).
This value is used to divide down the system
clock. Since there is 60 electrical degrees be-
tween zero-crossings, the delay counter can pro-
vide 1.875 through to 28.125 electrical degree de-
lay at 1.875 degree increments.
When the period counter reaches zero, the mask-
ing of the zero-crossing starts (to avoid seeing
current recirculation spikes). The delay counter
then starts to count down and when it reaches
zero the masking of the BEMF is released so that
zero crossings can once again be detected. The
masking hides the commutation of the motor
which takes place during the mask.
The clocking frequency of the mask and delay
counters is identical. However, the delay is 11 bits
and the mask only 9 bits. This means that the
mask can provide 15 electrical degrees of mask-
ing time. In the System Control Register B, bit
MAKE_PHASE (4.11) a bit value of zero gives
this 15 electrical degrees mask time but a one
gives 7.5 electrical degrees of mask.
Speed Control & F.L.L.
The rotational position of the motor is inferred
from the BEMF wave form generated by the float-
ing coil. The chip uses the instant of a particular
zero-crossing and the period between successive
zero crossings to dictate the commutation tim-
ings. The complete control loop is on chip and the
speed is controlled by a reference clock FCLK.
The speed control loop uses a frequency locked
loop which in conjunction with an external compen-
sation network brings the frequency of the ta-
chometer signal to be equal to the internally gener-
ated reference frequency. The tachometer signal
can either be the BEMF signal divided down to a
once per mechanical revolution signal or an exter-
nally generated tachometer signal, sector burst.
The output of the speed control is a current de-
mand signal that goes to the Spindle Driver.
The spindle current and the commutation delay is
programmed via the Spin Control Register. There
is a ”fine” and a ”coarse” counter that defines the
speed of the motor.
In more detail, the two registers are used in con-
junction with two down counters which form a fre-
quency detector that in turn creates feedback
through to a charge pump to maintain the motors
speed regulation.
The course counter is 12 bits and is clocked at
1/64
th the rate of the frequency clock (FCLK). The
fine counter is clocked at 1/4th FCLK. The on chip
Frequency Locked Loop (FLL) uses the electrical
cycle pulses (”ec pulse”) to time the motors rota-
tion. Upon the first ec pulse, the course register’s
contents (loaded via the serial port) is loaded into
the internal course counter is then loaded from its
corresponding register. The fine counter then also
immediately starts to count down. In theory (but
not normally in run mode, possibly at start up) the
fine counter could count down through zero an
continue counting down the 2’s complement of
the original fine counter value.
The period between the start of the course counter
and the zero crossing during the fine counter op-
eration is the programmed period. Any differences
between the desired period and the ec pulse (zero
crossing) is the error in the transconductance loop
and corrective action is take by the charge pump.
This error is a number given from a counter starting
when the fine counter reaches zero and resetting
when the BEMF pulse occurs. The vice versa hap-
pens if the BEMF anticipate the ending of the fine
counter. The error number is loaded in REG. 7.
The course and fine counter arrangement is
guarateed to work in all possible circumstances (pro-
viding there is enough BEMF). For example if the
zero crossing is within or outside the fine window or
even if the zero crossing is in the course register
range. This system will even work if the zero crossing
occurs across multiple course/finecycles.
The FLL has a prescaler (defined by the System
Control Register bits EL_MECH and 8_12P (3.10
& 3.5) that changes the cycle counting mecha-
nism between electrical, 8 pole or 12 pole (i.e. di-
viding the ec clock by 1,4 or 6) respectively.
The procedure for setting the motor speed is as
follows:
let’s call T0 this quantity. T0 =
60
SPEED
Doing
T0
⋅ 0.9 ⋅ FCLK
64
we obtain Ncourse e. g.
the number to load in the course register. If this
number exceed 4096 the desired speed is not
achievable. Let’s call ErrNc the decimal part of
Ncourse doing
T0
⋅ 0.1 ⋅ Fclk
4
+ ErrNc ⋅ 16 we obtain Nfine e.g.
the number to load in the fine register. If this number
exceed 2048 all the procedure must be repeated
changing0.9 with 0.91 and 0.1 with 0.09 and so on.
The spindle is enabled via the System Control
Registers.
The slew rate is defined by attaching a resistor to
ground from the SPN_SLW pin. The current loop
has
a
compensation RC
network
on
the
SPN_I_COMP pin and the sense resistor is at-
tached to the SPN_I_SNS pin (to ground).
L6260
21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com