Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2000/1/2H Datasheet(PDF) 5 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 5 Page - Keysight Technologies

  U2000/1/2H Datasheet HTML 1Page - Keysight Technologies U2000/1/2H Datasheet HTML 2Page - Keysight Technologies U2000/1/2H Datasheet HTML 3Page - Keysight Technologies U2000/1/2H Datasheet HTML 4Page - Keysight Technologies U2000/1/2H Datasheet HTML 5Page - Keysight Technologies U2000/1/2H Datasheet HTML 6Page - Keysight Technologies U2000/1/2H Datasheet HTML 7Page - Keysight Technologies U2000/1/2H Datasheet HTML 8Page - Keysight Technologies U2000/1/2H Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Introducing the U2000 Series USB Power Sensors (continued)
Faster production testing of
multiple channels
The U2000 Series’ fast measurement
speed helps reduce test time. This,
coupled with the capability to enable
monitoring of more than 20 channels
simultaneously, is an advantage in
the production line where efficiency
is of utmost priority.
The U2000 Series has both internal
and external zeroing capabilities.
With internal zeroing, high isolation
switches in the sensor are opened to
isolate the sensor from the device-
under-test (DUT) it is connected to.
As such, you don’t need to power-off
the DUT or disconnect the sensors.
This speeds up testing and reduces
sensor wear-and-tear.
No manual input of calibration data
is required. All calibration factors,
as well as temperature and linearity
corrections, are stored in the sensors’
EEPROM, auto-downloaded at
calibration.
Often times, you’d need to automate
your tests. The U2000 Series sensors
are well-equipped for seamless inte-
gration to your system with industry-
standard SCPI compatibility. They
also come with built-in triggering
capability to allow receipt of external
triggers from other instruments.
Transform your signal generators and spectrum analyzers
into accurate power meters
You could literally have a power meter next to you—or instead, turn your Key-
sight MXG signal generator or N9340A/B handheld spectrum analyzer into a
power meter for accurate power measurements. Even with the U2000 con-
nected, you can switch between power measurements and the device’s original
function at any time. You can also use the U2000 with your Keysight PNA
network analyzer for source power calibration.
Intuitive power analysis software
The N1918A Power Analysis Manager software not only displays measurements
with the U2000 Series, it also provides various features and functions to help
you monitor and troubleshoot signals efficiently and effectively.
The U2000 Series is also supported by the Keysight BenchVue software (version
3.0 and above). BenchVue makes it easy to control your power meter to log
data and visualize measurements in a wide array of display options without any
programming.
This software is available on the Keysight Instrument Control DVD, which is
included with each sensor. You can download the latest version of the software
cost free at www.keysight.com/find/BenchVue. Upgrading to the paid Bench-
Vue Power Meter Pro version (BV0007A) provides unrestricted data logging.
Keysight recommends that you use the BenchVue software for new projects or
applications.
05 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com