Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2000/1/2H Datasheet(PDF) 6 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 6 Page - Keysight Technologies

Back Button U2000/1/2H Datasheet HTML 2Page - Keysight Technologies U2000/1/2H Datasheet HTML 3Page - Keysight Technologies U2000/1/2H Datasheet HTML 4Page - Keysight Technologies U2000/1/2H Datasheet HTML 5Page - Keysight Technologies U2000/1/2H Datasheet HTML 6Page - Keysight Technologies U2000/1/2H Datasheet HTML 7Page - Keysight Technologies U2000/1/2H Datasheet HTML 8Page - Keysight Technologies U2000/1/2H Datasheet HTML 9Page - Keysight Technologies U2000/1/2H Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Take a Closer Look
Diode-based sensors frequently
rely on the application of correc-
tion factors to extend their dynamic
range beyond their square-law
region, typically in the range of –70
to –20 dBm. While this technique
achieves measurement of CW signals
over a wide dynamic range, it fails to
do so for modulated signals when the
signal level is above the square-law
region. Modulated signals must be
padded down, with their average and
peak power levels within the diode
square-law region, for accurate aver-
age power measurement.
The U2000 Series USB power sensors
are true-average, wide-dynamic-
range RF/microwave power sensors,
based on a dual-sensor diode pair/
attenuator/diode pair topology as
proposed by Szente et. al. in 19901.
The simplified block diagram shown
here illustrates this technique.
This technique ensures diodes in the
selected signal path are kept in their
square law region—with output cur-
rent and voltage proportional to input
power. The diode pair/attenuator/
1. US Patent #4943764, assigned to Hewlett-Packard Company
2. November 1986 Hewlett-Packard Journal pages 14-2, “Diode Integrated Circuits for Millimeter-Wave Applications”
3. Refer to “Maximum Power” on page 9 for maximum power handling specifications
RF in
Low Sense+
Low Sense–
High Sense+
High Sense–
diode pair assembly can then yield
the average of complex modulation
formats across a wide dynamic range,
irrespective of signal bandwidth.
The dual-range Modified Barrier
Integrated Diode (MBID)2 package
incorporates diode stacks in place of
single diodes. This further improves
measurement accuracy of high-level
signals with high crest factors with-
out incurring damage3 to the sensor.
Implementation of both techniques
in the U2000 Series USB sensors
enable effective average power mea-
surements of a wide range of signals,
including multitone and spread spec-
trum signals used in CDMA, W-CDMA
and digital television sytems.
Built-in triggering port for
synchronization with external
instruments or events
LED indicator for PC communication
Small and lightweight build
Secure locking mechanism
USB 2.0-compliant cable
for connection to PC or
other instruments
06 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com