Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2000/1/2H Datasheet(PDF) 15 Page - Keysight Technologies

Part # U2000/1/2H
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2000/1/2H Datasheet(HTML) 15 Page - Keysight Technologies

Back Button U2000/1/2H Datasheet HTML 11Page - Keysight Technologies U2000/1/2H Datasheet HTML 12Page - Keysight Technologies U2000/1/2H Datasheet HTML 13Page - Keysight Technologies U2000/1/2H Datasheet HTML 14Page - Keysight Technologies U2000/1/2H Datasheet HTML 15Page - Keysight Technologies U2000/1/2H Datasheet HTML 16Page - Keysight Technologies U2000/1/2H Datasheet HTML 17Page - Keysight Technologies U2000/1/2H Datasheet HTML 18Page - Keysight Technologies U2000/1/2H Datasheet HTML 19Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Specifications (continued)
Settling time
Manual filter, 10-dB decreasing power step (not across switching points)
Number of averages
1
2
4
8
16
32
64
128
256
512
1024
Settling time (s)
Normal speed
x2 speed
0.045
0.042
0.09
0.05
0.17
0.09
0.34
0.17
0.66
0.34
1.3
0.66
2.6
1.3
5.2
2.6
10.4
5.2
20.9
10.4
41.9
20.9
1. When a power step crosses through the sensor’s auto-range switching point, add 25 ms
Settling time with auto filter, default resolution, and a 10 dB decreasing power step (not
across the switching point)
Settling time = 25 ms*
Auto filter, default resolution, 10-dB decreasing power step
Typical
settling
times
x2
speed
Normal
speed
45 ms
45 ms
82 ms
90 ms
1.3 s
2.6 s
1.5 s
2.7 s
450 ms
460 ms
1.6 s
2.8 s
20 s
39 s
24 s
42 s
24 s
42 s
U2000/1/2/4A U2000/1/2H
U2000/1B
+10 dBm
+2 dBm
–4 dBm
–10 dBm
–20 dBm
–30 dBm
–40 dBm
–50 dBm
+20 dBm
+12 dBm
+6 dBm
0 dBm
–10 dBm
–20 dBm
–30 dBm
–40 dBm
+40 dBm
+32 dBm
+26 dBm
+20 dBm
+10 dBm
0 dBm
–10 dBm
–20 dBm
Sensor
dynamic
range
Maximum dBm
Minimum dBm
Low power path
High power path
15 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com