Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA710STR Datasheet(PDF) 3 Page - Littelfuse

Part # LBA710STR
Description  60V, 1A Dual Single-Pole Relays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LBA710STR Datasheet(HTML) 3 Page - Littelfuse

  LBA710STR Datasheet HTML 1Page - Littelfuse LBA710STR Datasheet HTML 2Page - Littelfuse LBA710STR Datasheet HTML 3Page - Littelfuse LBA710STR Datasheet HTML 4Page - Littelfuse LBA710STR Datasheet HTML 5Page - Littelfuse LBA710STR Datasheet HTML 6Page - Littelfuse LBA710STR Datasheet HTML 7Page - Littelfuse LBA710STR Datasheet HTML 8Page - Littelfuse LBA710STR Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
LBA710
www.ixysic.com
3
R06
LED Forward Voltage Drop (V)
1.364
1.366
1.368
1.370
1.372
0
5
10
15
20
25
30
Form-A
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.57
0.61
0.65
0.69
0.73
0.77
0.81
0
5
10
15
20
25
Form-A
Typical Turn-On Time
(N=50, I
F=5mA)
Turn-Off Time (ms)
0.077
0.082
0.087
0.092
0.097
0.102
0
5
10
15
20
Form-A
Typical Turn-Off Time
(N=50, I
F=5mA)
On-Resistance ( )
0.206 0.207 0.208 0.209 0.210 0.211 0.212
0
5
10
15
20
25
Form-A
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=1A)
Blocking Voltage (V
P)
65.5
66.0
66.5
67.0
67.5
68.0
68.5
0
5
10
15
20
Form-A
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
Form-A
Typical I
F for Switch Operation
vs. Temperature
(I
L=500mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
500
1000
1500
2000
2500
Form-A
Typical Turn-On Time
vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
50
55
60
65
70
75
80
85
90
Form-A
Typical Turn-Off Time
vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-50
-25
0
25
50
75
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Typical LED Forward Voltage Drop
vs. Temperature
I
F=10mA
I
F=5mA
I
F=2mA
LED Forward Current (mA)
0
1020
304050
0
200
400
600
800
1000
1200
Form-A
Typical Turn-On
vs. LED Forward Current
(I
L=100mA, TA=25ºC)
LED Forward Current (mA)
0
1020
304050
77.1
77.2
77.3
77.4
77.5
77.6
77.7
77.8
Form-A
Typical Turn-Off
vs. LED Forward Current
(I
L=100mA, TA=25ºC)
Form-A PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com