Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA710STR Datasheet(PDF) 4 Page - Littelfuse

Part # LBA710STR
Description  60V, 1A Dual Single-Pole Relays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LBA710STR Datasheet(HTML) 4 Page - Littelfuse

  LBA710STR Datasheet HTML 1Page - Littelfuse LBA710STR Datasheet HTML 2Page - Littelfuse LBA710STR Datasheet HTML 3Page - Littelfuse LBA710STR Datasheet HTML 4Page - Littelfuse LBA710STR Datasheet HTML 5Page - Littelfuse LBA710STR Datasheet HTML 6Page - Littelfuse LBA710STR Datasheet HTML 7Page - Littelfuse LBA710STR Datasheet HTML 8Page - Littelfuse LBA710STR Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R06
LBA710
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
Form-A
Typical On-Resistance
vs. Temperature
(I
F=2mA, IL=500mA)
Voltage (V)
-1.0
-0.5
0.0
0.5
1.0
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
Typical Load Current
vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Form-A
Maximum Load Current
vs. Temperature
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
62
63
64
65
66
67
68
69
70
Form-A
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
Form-A
Typical Leakage vs. Temperature
Measured Across Pins 5&6
(V
L=60V)
Load Voltage (V)
0.1
1
10
100
20
40
60
80
100
120
Form-A
Output Capacitance
vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
1
2
3
4
5
6
Form-A
Energy Rating Curve
Form-A PERFORMANCE DATA (continued)*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com