Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA710STR Datasheet(PDF) 1 Page - Littelfuse

Part # LBA710STR
Description  60V, 1A Dual Single-Pole Relays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LBA710STR Datasheet(HTML) 1 Page - Littelfuse

  LBA710STR Datasheet HTML 1Page - Littelfuse LBA710STR Datasheet HTML 2Page - Littelfuse LBA710STR Datasheet HTML 3Page - Littelfuse LBA710STR Datasheet HTML 4Page - Littelfuse LBA710STR Datasheet HTML 5Page - Littelfuse LBA710STR Datasheet HTML 6Page - Littelfuse LBA710STR Datasheet HTML 7Page - Littelfuse LBA710STR Datasheet HTML 8Page - Littelfuse LBA710STR Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LBA710-R06
1
LBA710
60V, 1A Dual Single-Pole Relays:
1-Form-A (NO) & 1-Form-B (NC)
Part #
Description
LBA710
8-Pin DIP (50/Tube)
LBA710S
8-Pin Surface Mount (50/Tube)
LBA710STR
8-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Blocking Voltage
60
V
Load Current
1
A
rms / ADC
On-Resistance (max)
0.6
LED Current to Operate
2
mA
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
LBA710 is a 60V, 1A, 0.6
 dual Solid State Relay
integrating independent single-pole normally open
(1-Form-A) and single-pole normally closed
(1-Form-B) relays into a single package. It features
a superior combination of low on-resistance and 1A
load current handling capability.
• Security
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment-Patient/Equipment Isolation
• Industrial Controls
• Low On-Resistance (0.6
)
• Low Control Current (2mA)
• 3750V
rms Input/Output Isolation
• 100% Solid State
• Low Drive Power Requirements
• No EMI/RFI Generation
• Surface Mount Version
• Small 8-Pin Package
• Tape & Reel available
1
2
3
4
8
7
6
5
+ Control
– Control
+ Control
– Control
Normally Closed
Form-B
Normally Open
Form-A
Switching Characteristics
of Normally Open Devices
Switching Characteristics
of Normally Closed Devices
Form-B
I
F
10%
90%
I
LOAD
toff
ton
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
• TUV EN 62368-1: Certificate # B 082667 0008


Similar Part No. - LBA710STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LBA710STR IXYS-LBA710STR Datasheet
146Kb / 9P
Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
More results

Similar Description - LBA710STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
Dual Single Pole OptoMOS Relays
PAA132 CLARE-PAA132_1 Datasheet
137Kb / 6P
Dual Single-Pole OptoMOS짰 Relays
logo
IXYS Corporation
LAA100 IXYS-LAA100_12 Datasheet
133Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com