Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CLC030 Datasheet HTML 15Page - National Semiconductor (TI) CLC030 Datasheet HTML 16Page - National Semiconductor (TI) CLC030 Datasheet HTML 17Page - National Semiconductor (TI) CLC030 Datasheet HTML 18Page - National Semiconductor (TI) CLC030 Datasheet HTML 19Page - National Semiconductor (TI) CLC030 Datasheet HTML 20Page - National Semiconductor (TI) CLC030 Datasheet HTML 21Page - National Semiconductor (TI) CLC030 Datasheet HTML 22Page - National Semiconductor (TI) CLC030 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Device Operation (Continued)
bit in the configuration and control registers. If a checksum
error is detected (calculated and received checksums do not
match) and the ANC Checksum Force bit is set, a new
checksum will be inserted in the ancillary data replacing the
previous one. If a checksum error is detected and the ANC
Checksum Force bit is not set, the checksum mismatch is
reported via the ANC CHECKSUM ERROR bit in the control
registers.
The ANC Checksum Error bit indicates that the received
ancillary data checksum did not agree with the CLC030’s
internally generated checksum. This bit is available as an
output on the multifunction I/O port.
ANC REGISTERS 1 THROUGH 4 (Address 05h through
08h)
Admission of ancillary data packets into the FIFO can be
controlled by the ANC MASK[15:0] and ANC ID[15:0] bits in
the control registers. The ANC ID[7:0] register can be set to
a valid 8-bit Data Identification (DID) code used for compo-
nent ancillary data packet identification as specified in
SMPTE 291M. Similarly, theANC ID[15:8] register can be
set to a valid 8-bit Secondary Data Identification (SDID) or
Data Block Number (DBN) code. The ANC MASK[7:0] is an
8-bit word that can be used to selectively control loading of
packets with specific DIDs (or DID ranges) into the FIFO.
Similarly, the ANC MASK[15:8] is an 8-bit word that can be
used to selectively control loading of packets with specific
SDID or DBNs (or SDID or DBN ranges).
When ANC MASK[7:0] or ANC MASK[15:8] is set to FFh,
packets with any DID, SDID or DBN can be loaded into the
FIFO. When any bit or bits of ANC MASK[7:0] or ANC
MASK[15:8] are set to a logic-1, the corresponding bit or bits
of ANC ID[7:0] or ANC ID[15:8], respectively are a don’t-
care when matching IDs of incoming packets. When ANC
MASK[7:0] or ANC MASK[15:8] is set to 00h, the DID,
SDID or DBN of incoming packets must match exactly, bit-
for-bit, the setting of ANC ID[7:0] or ANC ID[15:8] in the
control register for the packets to be loaded into the FIFO.
The initial value of ANC MASK[7:0] and ANC MASK[15:8]
is FFh. The initial value of ANC ID[7:0] and ANC ID[15:8] is
00h.
Bits 7 through 0 of Register ANC 1, ANC ID[7:0], and
Register ANC3, ANC MASK[7:0], affect DID[7:0]. BIts 7
through 0 of Register ANC2, ANC ID[15:8], and Register
ANC 4, ANC MASK[15:8], affect SDID[7:0] or DBN[7:0].
ANC REGISTER 5 (Address 17h)
The FIFO INSERT ENABLE bit enables insertion of ancillary
data stored in the FIFO into the serial data stream. Data
insertion is enabled when this bit is set to a logic-1. This bit
can be used to delay automatic insertion of data into the
serial data stream.
The CLC030 can keep track of up to 8 ancillary packets in
the FIFO. Incoming packet length versus available space in
the FIFO is also tracked. The MSG TRACK bit in the control
registers, when set, enables tracking of packets in the FIFO.
MSG TRACK also enables other functions for control of
packet traffic in the FIFO: FIFO FLUSH DYN and MSG
FLUSH DYN.
With message tracking enabled and FIFO FLUSH DYN set
to a logic-1, if a FIFO full condition is encountered when
attempting to load a packet, all existing message packets in
the FIFO will be flushed. The current message packet will be
left intact. When FIFO FLUSH DYN is not set and a FIFO full
condition is encountered, the FIFO will overrun and the FIFO
OVERRUN flag will be set. FIFO FLUSH DYN remains set
until cleared.
Setting the FIFO FLUSH STAT bit to a logic-1 flushes the
FIFO. Data may not be loaded into the FIFO during FIFO
FLUSH STAT execution. Similarly, FIFO FLUSH STAT may
not be set when data is being input to the FIFO. FIFO
FLUSH STAT is automatically reset after this operation is
complete.
With message tracking enabled and MSG FLUSH DYN set
to a logic-1, the oldest message packet in the FIFO will be
flushed when the next message is written to the FIFO. MSG
FLUSH DYN remains set until cleared.
When MSG FLUSH STAT is set to a logic-1, the oldest
message packet in the FIFO is flushed when data is not
being written to the FIFO. MSG FLUSH STAT is automati-
cally reset after this operation is complete.
The FULL MSG REQ (full message required) bit in the
control registers, when set, instructs the CLC030 to insert
only complete packets residing in the FIFO into the serial
data stream. When this bit is not set, incomplete or partial
messages of any length up to the maximum buffer length will
be inserted into the serial data stream. This function is not
affected by MSG TRACK. This function can be used to
prevent overrunning available space in the FIFO.
Execution of these FIFO operations requires toggling of
ACLK.
ANC REGISTER 6 (Addresses 18h)
The ANC PARITY MASK bit when set disables parity check-
ing for the DATA ID (DID) and SECONDARY DATA ID (SDID)
or Data Block Number (DBN) in the ANC data packet. When
reset, parity checking is enabled, and, if a parity error occurs,
the packet will not be loaded.
The VANC bit in the control registers, when set to a logic-1,
enables insertion of ancillary data during the vertical blank-
ing interval.
SWITCH POINT REGISTERS 0 THROUGH 3 (Addresses
09h, 0Ah, 19h and 1Ah)
The Line[10:0] and Protect[4:0] bits define the vertical
switching point line and number of protected lines following
the switching point line for fields 0 and 1 (or fields 1 and 2 as
these are sometimes referred to) of high-defination formats.
The vertical switching point for component digital standard
definition formats is defined in SMPTE RP 168-1993. The
vertical switching point for high-definition formats has the
same basic definition. However, since the vertical switching
point lines are not necessarily standardized among the vari-
ous high-definition rasters, these registers provide a conve-
nient means whereby the vertical switching point line and
subsequent protected lines may be specified by the user.
The Switch Point registers do not operate for standard defi-
nition formats.
The Line[10:0] bits of registers Switch Point 0 and 1 may
be loaded with a line number ranging from 0 to 1023 which
then specifies the switching point line for Field 0. The Pro-
tect[4:0] bits of register Switch Point 1 determine the num-
ber of lines from 0 to 15 after the vertical switching point line
in which ancillary data may not be inserted. LINE(0) is the
LSB and LINE(10) is the MSB for the Line[10:0] bits. Similar
ordering holds for the Protect[4:0] bits.
The Line[10:0] and Protect[4:0] bits of registers Switch
Point 2 and 3 perform the same function as explained above
for the vertical switching point line for Field 1.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com