Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button CLC030 Datasheet HTML 21Page - National Semiconductor (TI) CLC030 Datasheet HTML 22Page - National Semiconductor (TI) CLC030 Datasheet HTML 23Page - National Semiconductor (TI) CLC030 Datasheet HTML 24Page - National Semiconductor (TI) CLC030 Datasheet HTML 25Page - National Semiconductor (TI) CLC030 Datasheet HTML 26Page - National Semiconductor (TI) CLC030 Datasheet HTML 27Page - National Semiconductor (TI) CLC030 Datasheet HTML 28Page - National Semiconductor (TI) CLC030 Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Pin Descriptions
Pin
Name
Description
1V
DDPLLD
Positive Power Supply Input (2.5V supply, PLL Logic)
2V
SSPLLD
Negative Power Supply Input (2.5V supply, PLL Logic)
3
IO0
Multi-Function I/O Port
4
IO1
Multi-Function I/O Port
5
DV0
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
6
DV1
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
7
DV2
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
8
DV3
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
9
DV4
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
10
V
SSD
Negative Power Supply Input (2.5V supply, Digital Logic)
11
DV5
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
12
DV6
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
13
DV7
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
14
DV8
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
15
DV9
Parallel Video Input (HD=Chroma, SD=Luma & Chroma)
16
V
DDD
Positive Power Supply Input (2.5V supply, Digital Logic)
17
V
SSD
Negative Power Supply Input (2.5V supply, Digital Logic)
18
DV10
Parallel Video Input (HD=Luma)
19
DV11
Parallel Video Input (HD=Luma)
20
DV12
Parallel Video Input (HD=Luma)
21
DV13
Parallel Video Input (HD=Luma)
22
DV14
Parallel Video Input (HD=Luma)
23
V
DDIO
Positive Power Supply Input (3.3V supply, I/O)
24
DV15
Parallel Video Input (HD=Luma)
25
DV16
Parallel Video Input (HD=Luma)
26
DV17
Parallel Video Input (HD=Luma)
27
DV18
Parallel Video Input (HD=Luma)
28
DV19
Parallel Video Input (HD=Luma)
29
V
SSIO
Negative Power Supply Input (3.3V supply, I/O)
30
IO2
Multi-Function I/O Port
31
IO3
Multi-Function I/O Port
32
IO4
Multi-Function I/O Port
33
IO5
Multi-Function I/O Port
34
IO6
Multi-Function I/O Port
35
IO7
Multi-Function I/O Port
36
ACLK
Ancillary/Control Clock Input
37
V
DDD
Positive Power Supply Input (2.5V supply, Digital Logic)
38
AD0
Ancillary/Control Data I/O Port
39
AD1
Ancillary/Control Data I/O Port
40
AD2
Ancillary/Control Data I/O Port
41
AD3
Ancillary/Control Data I/O Port
42
AD4
Ancillary/Control Data I/O Port
43
V
SSD
Negative Power Supply Input (2.5V supply, Digital Logic)
44
AD5
Ancillary/Control Data I/O Port
45
AD6
Ancillary/Control Data I/O Port
46
AD7
Ancillary/Control Data I/O Port
47
AD8
Ancillary/Control Data I/O Port
48
AD9
Ancillary/Control Data I/O Port
49
RD/WR
Ancillary/Control Data Port Read/Write Control Input
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com