Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC030 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button CLC030 Datasheet HTML 20Page - National Semiconductor (TI) CLC030 Datasheet HTML 21Page - National Semiconductor (TI) CLC030 Datasheet HTML 22Page - National Semiconductor (TI) CLC030 Datasheet HTML 23Page - National Semiconductor (TI) CLC030 Datasheet HTML 24Page - National Semiconductor (TI) CLC030 Datasheet HTML 25Page - National Semiconductor (TI) CLC030 Datasheet HTML 26Page - National Semiconductor (TI) CLC030 Datasheet HTML 27Page - National Semiconductor (TI) CLC030 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Device Operation (Continued)
TABLE 6. I/O Configuration Register Addresses for Control Register Functions
Register Bit
Bit Address Pin # SEL [n]
I/P or O/P
Power-On
Status
[5]
[4]
[3]
[2]
[1]
[0]
reserved
000000
FF Flag
Error
000001
Output
AP Flag
Error
000010
Output
ANC Flag
Error
000011
Output
EDH Error
(SD)
000100
Output
I/O Port Bit 5
Addresses x05h through x0Ch are reserved.
SAV
001101
Output
EAV
001110
Output
NSP
001111
Output
F
010010
Output
I/O Port Bit 0
V
010011
Output
I/O Port Bit 1
H
010100
Output
I/O Port Bit 2
Format[0]
010101
Output
Format[1]
010110
Output
Format[2]
010111
Output
Format[3]
011000
Output
Format[4]
011001
Output
I/O Port Bit 3
(SD/HD)
FIFO Full
011010
Output
FIFO Empty
011011
Output
Lock Detect
011100
Output
I/O Port Bit 4
Pass/Fail
011101
Output
I/O Port Bit 6
FIFO
Overrun
011110
Output
ANC
Chksum
Error
011111
Output
EDH Force
100000
Input
Test Pattern
Select[0]
100001
Input
Test Pattern
Select[1]
100010
Input
Test Pattern
Select[2]
100011
Input
Test Pattern
Select[3]
100100
Input
Test Pattern
Select[4]
100101
Input
Test Pattern
Select[5]
100110
Input
EDH Enable
100111
Input
TPG Enable
101000
Input
I/O Port Bit 7
reserved
101001
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com