Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164ACSW Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1164ACSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1164ACSW Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC1164ACSW Datasheet HTML 4Page - Analog Devices LTC1164ACSW Datasheet HTML 5Page - Analog Devices LTC1164ACSW Datasheet HTML 6Page - Analog Devices LTC1164ACSW Datasheet HTML 7Page - Analog Devices LTC1164ACSW Datasheet HTML 8Page - Analog Devices LTC1164ACSW Datasheet HTML 9Page - Analog Devices LTC1164ACSW Datasheet HTML 10Page - Analog Devices LTC1164ACSW Datasheet HTML 11Page - Analog Devices LTC1164ACSW Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1164
8
1164fa
ANALOG CONSIDERATIONS
1. Grounding and Bypassing
The LTC1164 should be used with separated analog
and digital ground planes and single point grounding
techniques.
Pin 6 (AGND) should be tied directly to the analog ground
plane.
Pin 7 (V+) should be bypassed to the ground plane with a
0.1µF ceramic disk with leads as short as possible. Pin 19
(V–) should be bypassed with a 0.1µF ceramic disk. For
single supply applications, V– can be tied to the analog
ground plane.
For good noise performance, V+ and V– must be free of
noise and ripple.
All analog inputs should be referenced directly to the
single point ground. The clock inputs should be shielded
from and/or routed away from the analog circuitry and a
separate digital ground plane used.
Figure 3 shows an example of an ideal ground plane design
for a two sided board. Of course this much ground
plane will not always be possible, but users should strive
to get as close to this as possible. Proto boards are not
recommended.
2. Buffering the Filter Output
When driving coaxial cables and 1x scope probes, the filter
output should be buffered. This is important
especially when high Qs are used to design a specific filter.
Inadequate buffering may cause errors in noise,
distortion, Q, and gain measurements. When 10x probes
are used, buffering is usually not required. A buffer is
recommended especially when THD tests are performed.
As shown in Figure 4, the buffer should be adequately
bypassed to minimize clock feedthrough.
Figure 3. Example Ground Plane Breadboard Technique for LTC1164
APPLICATIO S I FOR ATIO
LTC1164 • AI01
DIGITAL GROUND
PLANE
ANALOG
GROUND
PLANE
7.5V
–7.5V
VIN
0.1µF CERAMIC DISK
0.1µF
CERAMIC
DISK
CLOCK
(SINGLE POINT
GROUND)
NOTE: CONNECT ANALOG AND DIGITAL
GROUND PLANES AT A SINGLE POINT AT
THE BOARD EDGE
FOR BEST HIGH FREQUENCY RESPONSE
PLACE RESISTORS PARALLEL TO DOUBLE
SIDED COPPER CLAD BOARD AND LAY FLAT
(4 RESISTORS SHOWN HERE TYPICAL)
1
2
3
4
5
6
10
11
12
24
23
22
15
14
13
• PIN 1 DENT
7
21
20
18
17
8
9
16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com