Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164ACSW Datasheet(PDF) 11 Page - Analog Devices

Part # LTC1164ACSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1164ACSW Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC1164ACSW Datasheet HTML 7Page - Analog Devices LTC1164ACSW Datasheet HTML 8Page - Analog Devices LTC1164ACSW Datasheet HTML 9Page - Analog Devices LTC1164ACSW Datasheet HTML 10Page - Analog Devices LTC1164ACSW Datasheet HTML 11Page - Analog Devices LTC1164ACSW Datasheet HTML 12Page - Analog Devices LTC1164ACSW Datasheet HTML 13Page - Analog Devices LTC1164ACSW Datasheet HTML 14Page - Analog Devices LTC1164ACSW Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1164
11
1164fa
Mode 3A
This is an extension of Mode 3 where the highpass and
lowpass output are summed through two external resis-
tors RH and RL to create a notch. This is shown in Figure
10. Mode 3A is more versatile than Mode 2 because the
notch frequency can be higher or lower than the center
frequency of the 2nd order section. The external op amp of
Figure 10 is not always required. When cascading the
sections of the LTC1164, the highpass and lowpass
outputs can be summed directly into the inverting input of
the next section. The topology of Mode 3A is useful for
elliptic highpass and notch filters with clock to cutoff
frequency ratios higher than 100:1. This is often required
to extend the allowed input signal frequency range and to
avoid premature aliasing.
When the internal clock-to-center frequency ratio is set at
50:1, the design equations for Q and bandpass gain are
different from the 100:1 case.
Figure 9. Mode 2: 2nd Order Filter Providing Notch, Bandpass, Lowpass
ODES OF OPERATIO
LTC1164 • MOO04
R3
R4
R2
NS
BP
LP
R1
1/4 LTC1164
fo =
1 +
1 +
R3/R1;
; HOLP =
HOBP = –
HOBP = –
MODE 2 (100:1):
fCLK
100
–
+
+
–
Σ
∫
∫
VIN
R3
R2
R2
R4
; fn =
; Q =
; THEN CALCULATE R1 TO SET THE DESIRED GAIN
R3 =
R2
NOTE: THE 50:1 EQUATIONS FOR MODE 2 ARE DIFFERENT FROM THE EQUATIONS
FOR MODE 2 OPERATION OF THE LTC1059, LTC1060 AND LTC1061. START WITH
fo, CALCULATE R2/R4, SET R4; FROM THE Q VALUE, CALCULATE R3:
fCLK
50
; fn =
; Q =
fCLK
50
R3/R1
1 – (R3/16R4)
+
1.005
Q
R2
R4
R2
16R4
fo =
1 +
MODE 2 (50:1):
fCLK
50
R2
R4
1 + R2
R4
; HON1(f → 0) =
–R2/R1
1 + (R2/R4)
; HOLP =
–R2/R1
1 + (R2/R4)
–R2/R1
1 + (R2/R4)
HON1 (f → 0) =
– R2/R1
1 + (R2/R4)
1.005 (
√1 + R2/R4)
(R2/R3) – (R2/16R4)
= – R2/R1
HON2 f →
fCLK
2
()
= – R2/R1
; HON2 f →
fCLK
2
()
Figure 10. Mode 3A: 2nd Order Filter Providing Highpass, Bandpass, Lowpass, Notch
LTC1164 • MOO05
HOBP = –
HOLP –
NOTE: THE 50:1 EQUATIONS FOR MODE 3A ARE DIFFERENT FROM THE EQUATIONS
FOR MODE 3A OPERATION OF THE LTC1059, LTC1060 AND LTC1061. START WITH
fo, CALCULATE R2/R4, SET R4; FROM THE Q VALUE, CALCULATE R3:
; fn =
fCLK
50
R3/R1
1 – (R3/16R4)
fo =
MODE 3A (50:1):
MODE 3A (100:1):
fCLK
50
R2
R4
R4
R1
RH
RL
RG
RL
RG
RH
RG
RL
HOHP
; THEN CALCULATE R1 TO SET
THE DESIRED GAIN
R3 =
R2
+
1.005
Q
R2
R4
R2
16R4
; HOLP(f = 0) = – R4/R1
R4/R1;
HOLP = –
HON (f = fo) = Q
HON1(f → 0) =
=
; HON2 f →
fCLK
2
()
= –R2/R1
; HOHP f →
; fn =
fCLK
100
fo =
fCLK
100
R2
R4
R2
R4
R3
R2
RH
RL
; HOHP = – R2/R1; HOBP = –R3/R1
fCLK
2
(
)
(
)
R3
R4
R2
HP
S
BP
LP
NOTCH
EXTERNAL OP AMP OR
INPUT OP AMP OF THE
LTC1164, SIDE A, B, C, D
R1
AGND
1/4 LTC1164
–
+
+
–
Σ
∫
∫
VIN
RH
RL
RG
CC
–
+
; Q =
; Q =
1.005 (√R2/R4)
(R2/R3) – (R2/16R4)
×
R2
R1
RG
RH
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com