Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8173FSZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL8173FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8173FSZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL8173FSZ Datasheet HTML 6Page - Intersil Corporation EL8173FSZ Datasheet HTML 7Page - Intersil Corporation EL8173FSZ Datasheet HTML 8Page - Intersil Corporation EL8173FSZ Datasheet HTML 9Page - Intersil Corporation EL8173FSZ Datasheet HTML 10Page - Intersil Corporation EL8173FSZ Datasheet HTML 11Page - Intersil Corporation EL8173FSZ Datasheet HTML 12Page - Intersil Corporation EL8173FSZ Datasheet HTML 13Page - Intersil Corporation EL8173FSZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN7490.4
February 14, 2008
FIGURE 37. EL8170 - SLEW RATE vs TEMPERATURE,
INPUT ±0.015V @ GAIN + 100
FIGURE 38. EL8173 - SLEW RATE vs TEMPERATURE,
INPUT ±0.015V @ GAIN + 100
Typical Performance Curves V+ = +5V, V- = 0V,VCM = +2.5V, VEN = V-, RL = Open, unless otherwise specified. (Continued)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
MIN
MAX
N = 2000
MEDIAN
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
0.40
0.45
0.50
0.55
0.60
0.65
0.70
MIN
MAX
N = 1000
MEDIAN
Pin Descriptions
EL8170, EL8173
PIN NAME
EQUIVALENT CIRCUIT
PIN FUNCTION
1EN
Circuit 2
Active LOW logic pins. When pulled above 2V, the corresponding channel turns off
and OUT is high impedance. A channel is enabled when pulled below 0.8V. Built-in
pull downs define each EN pin LOW when left floating.
2
IN-
Circuit 1A, Circuit 1B
High impedance input terminals. EL8170 input circuit is shown in Circuit 1A, and
the EL8173 input circuit is shown in Circuit 1B. EL8173: to avoid offset drift, it is
recommended that the terminals are not overdriven beyond 1V and the input
current must never exceed 5mA.
3
IN+
Circuit 1A, Circuit 1B
4
V-
Circuit 4
Negative supply terminal.
5
FB-
Circuit 1A, Circuit 1B
High impedance feedback terminals. EL8170 input circuit is shown in Circuit 1A,
and the EL8173 input circuit is shown in Circuit 1B. EL8173: to avoid offset drift, it
is recommended that the terminals are not overdriven beyond 1V and the input
current must never exceed 5mA.
8
FB+
Circuit 1A, Circuit 1B
7
V+
Circuit 4
Positive supply terminal.
6
VOUT
Circuit 3
Output Voltage.
IN-
V+
V-
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1A
CIRCUIT 2
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
V+
V-
CIRCUIT 1B
FB-
IN-
FB-
IN+
FB+
IN+
FB+
EL8170, EL8173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com