Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8173FSZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL8173FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8173FSZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL8173FSZ Datasheet HTML 6Page - Intersil Corporation EL8173FSZ Datasheet HTML 7Page - Intersil Corporation EL8173FSZ Datasheet HTML 8Page - Intersil Corporation EL8173FSZ Datasheet HTML 9Page - Intersil Corporation EL8173FSZ Datasheet HTML 10Page - Intersil Corporation EL8173FSZ Datasheet HTML 11Page - Intersil Corporation EL8173FSZ Datasheet HTML 12Page - Intersil Corporation EL8173FSZ Datasheet HTML 13Page - Intersil Corporation EL8173FSZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
FN7490.4
February 14, 2008
In Figure 39, the FB+ pin and one end of resistor RG are
connected to GND. With this configuration, Equation 1 is only
true for a positive swing in VIN; negative input swings will be
ignored and the output will be at ground.
Reference Connection
Unlike a three op amp instrumentation amplifier, a finite
series resistance seen at the REF terminal does not degrade
the EL8170 and EL8173's high CMRR performance,
eliminating the need for an additional external buffer
amplifier. The circuit shown in Figure 40 uses the FB+ pin as
a REF terminal to center or to adjust the output. Because the
FB+ pin is a high impedance input, an economical resistor
divider can be used to set the voltage at the REF terminal.
The reference voltage error due to the input bias current is
minimized by keeping the values of the voltage divider
resistors, R1 and R2, as low as possible. Any voltage applied
to the REF terminal will shift VOUT by VREF times the closed
loop gain, which is set by resistors RF and RG according to
Equation 2. Note that any noise or unwanted signals on the
reference supply will be amplified at the output according to
Equation 2.
The FB+ pin can also be connected to the other end of
resistor, RG. See Figure 41. Keeping the basic concept that
the EL8170 and EL8173 in-amps maintain constant
differential voltage across the input terminals and feedback
terminals (IN+ - IN- = FB+ - FB-), the transfer function of
Figure 41 can be derived (Equation 3). Note that the VREF
gain term is eliminated, and susceptibility to external noise is
reduced.
1
3
2
8
5
4
7
6
+
-
+
-
IN+
IN-
FB+
FB-
V+
V-
EN
+2.4V TO +5.5V
RF
RG
VOUT
EN
EL8170/3
VCM
VIN/2
VIN/2
FIGURE 39. GAIN IS SET BY TWO EXTERNAL RESISTORS,
RF AND RG
V
OUT
1
R
F
R
G
--------
+
⎝⎠
⎜⎟
⎛⎞
V
IN
=
(EQ. 1)
V
OUT
1
R
F
R
G
--------
+
⎝⎠
⎜⎟
⎛⎞
V
IN
()
1
R
F
R
G
--------
+
⎝⎠
⎜⎟
⎛⎞
V
REF
()
+
=
(EQ. 2)
FIGURE 40. GAIN SETTING AND REFERENCE CONNECTION
1
3
2
8
5
4
7
6
+
-
+
-
IN+
IN-
FB+
FB-
V+
V-
EN
+2.4V TO +5.5V
RF
RG
VOUT
EN
EL8170,
VCM
VIN/2
VIN/2
REF
+2.4V TO +5.5V
R1
R2
EL8173
FIGURE 41. REFERENCE CONNECTION WITH AN AVAILABLE
VREF
1
3
2
8
5
4
7
6
+
-
+
-
IN+
IN-
FB+
FB-
V+
V-
EN
RF
RG
VOUT
EN
EL8170,
VCM
VIN/2
VIN/2
VREF
+2.4V TO +5.5V
EL8173
V
OUT
1
R
F
R
G
--------
+
⎝⎠
⎜⎟
⎛⎞
V
IN
()
V
REF
()
+
=
(EQ. 3)
EL8170, EL8173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com