Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54/74FCT374A/C Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT54/74FCT374A/C
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54/74FCT374A/C Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54/74FCT374A/C Datasheet HTML 1Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 2Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 3Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 4Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 5Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 6Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
2
IDT54/74FCT374A/C
FAST CMOS OCTAL D REGISTERS (3-STATE)
PIN CONFIGURATION
CERDIP/ SOIC/ CERPACK
TOP VIEW
LCC
TOP VIEW
Symbol
Rating
Commercial
Military
Unit
VTERM(2)
Terminal Voltage
–0.5 to +7
–0.5 to +7
V
with Respect to GND
VTERM(3)
Terminal Voltage
–0.5 to VCC
–0.5 to VCC
V
with Respect to GND
TA
Operating Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature under BIAS
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Input and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
O6
D7
D6
O5
D5
INDEX
D1
O1
D3
O2
D2
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
D1
O0
D0
VCC
O1
D3
O2
D2
O3
GND
O7
O6
D7
D6
O5
O4
D5
D4
CP
OE
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
NC = No Change
↑ = LOW-to-HIGH transition
FUNCTION TABLE(1)
Inputs
Outputs
Internal
Function
OE
CP
Dx
Qx
Qx
High-Z
H
L
X
Z
N C
HH
X
Z
N C
Load
L
↑
LL
H
Register
L
↑
HH
L
H
↑
LZ
H
H
↑
HZ
L
Pin Names
Description
Dx
D flip-flop data inputs
C P
Clock Pulse for the register. Enters data on LOW-to-
HIGH transition.
Ox
3-State Outputs (TRUE)
O x
3-State Outputs (INVERTED)
OE
Active LOW 3-State Output Enable Input
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com