Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54/74FCT374A/C Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54/74FCT374A/C
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54/74FCT374A/C Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54/74FCT374A/C Datasheet HTML 1Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 2Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 3Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 4Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 5Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 6Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
IDT54/74FCT374A/C
FAST CMOS OCTAL D REGISTERS (3-STATE)
1
MAY 2002
MILITARY AND COMMERCIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2002 Integrated Device Technology, Inc.
DSC-5423/1
FEATURES:
• IDT54/74FCT374A up to 30% faster than FAST
• IDT54/74FCT374C up to 50% faster than FAST
•IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• Edge-triggered master/slave, D-type flip-flops
• Buffered common clock and buffered common 3-state control
• MIlitary product compliant to MIL-STD-883, Class B
• Meets or exceeds JEDEC Standard 18 specifications
• Available in the following packages:
– Commercial: SOIC
– Military: CERDIP, LCC, CERPACK
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT374A/C
FAST CMOS OCTAL
D REGISTERS (3-STATE)
DESCRIPTION:
TheFCT374isan8-bitregisterbuiltusinganadvanceddualmetalCMOS
technology. These registers consist of eight D-type flip-flops with a buffered
common clock and buffered 3-state output control. When the output enable
(OE) is low, the eight outputs are enabled. When the OE input is high, the
outputs are in the high-impedance state.
Input data meeting the set-up and hold time requirements of the D inputs
is transferred to the O outputs on the low-to-high transition of the clock input.
The FCT374 has non-inverting outputs with respect to the data at the D
inputs.
CP
O0
O1
O2
O3
O4
O5
O6
O7
OE
D
Q
CP
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
CP
CP
CP
CP
CP
CP
CP
D0
D1
D2
D3
D4
D5
D6
D7


Similar Part No. - IDT54/74FCT374A/C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54/74FCT3244/A IDT-IDT54/74FCT3244/A Datasheet
100Kb / 6P
3.3V CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT54/74FCT374A/C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
FAST CMOS OCTAL D REGISTER (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com