Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54/74FCT374A/C Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT54/74FCT374A/C
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54/74FCT374A/C Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT54/74FCT374A/C Datasheet HTML 1Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 2Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 3Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 4Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 5Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 6Page - Integrated Device Technology IDT54/74FCT374A/C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
IDT54/74FCT374A/C
FAST CMOS OCTAL D REGISTERS (3-STATE)
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
—
—
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
—
—
0.8
V
IIH
Input HIGH Current
VI = VCC
——
5
VCC = Max.
VI = 2.7V
—
—
5(4)
µA
IIL
Input LOW Current
VI = 0.5V
—
—
–5(4)
VI = GND
—
—
–5
IOZH
VO = VCC
——
10
Off State (High Impedance)
VCC = Max.
VO = 2.7V
—
—
10(4)
µA
IOZL
Output Current
VO = 0.5V
—
—
–10(4)
VO = GND
—
—
–10
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
—
mA
VOH
Output HIGH Voltage
VCC = 3V, VIN = VLC or VHC, IOH = –32
µAVHC
VCC
—
VCC = Min
IOH = –300
µAVHC
VCC
—V
VIN = VIH or VIL
IOH = –12mA MIL
2.4
4.3
—
IOH = –15mA COM'L
2.4
4.3
—
VOL
Output LOWVoltage
VCC = 3V, VIN = VLC or VHC, IOL = 300
µA
—
GND
VLC
VCC = Min
IOL = 300
µA
—
GND
VLC(4)
V
VIN = VIH or VIL
IOL = 32mA MIL
—
0.3
0.5
IOL = 48mA COM'L
—
0.3
0.5
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC - 0.2V
Commercial: TA = 0°C to +70°C, VCC = 5.0V ±5%, Military: TA = -55°C to +125°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not ttested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com