Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV232 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV232 Datasheet HTML 2Page - Microchip Technology HV232 Datasheet HTML 3Page - Microchip Technology HV232 Datasheet HTML 4Page - Microchip Technology HV232 Datasheet HTML 5Page - Microchip Technology HV232 Datasheet HTML 6Page - Microchip Technology HV232 Datasheet HTML 7Page - Microchip Technology HV232 Datasheet HTML 8Page - Microchip Technology HV232 Datasheet HTML 9Page - Microchip Technology HV232 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
HV232
DS20005820B-page 6
 2024-2026 Microchip Technology Inc. and its subsidiaries
Output Voltage Spike
+VSPK
——
—
—
150
——
mV
VPP = +40V,
VNN = -160V,
RLOAD = 50Ω
-VSPK
——
—
—
150
——
+VSPK
——
—
—
150
——
mV
VPP = +100V,
VNN = -100V,
RLOAD = 50Ω
-VSPK
——
—
—
150
——
+VSPK
——
—
—
150
——
mV
VPP = +160V,
VNN = -40V,
RLOAD = 50Ω
-VSPK
——
—
—
150
——
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all values are over operating conditions.
Parameter
Sym.
0°C
+25°C
+70°C
Unit
Conditions
Min. Max. Min. Typ. Max. Min. Max.
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min. Typ. Max. Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
0—
70
°C
Storage Temperature
TS
-65
—
+150
°C
PACKAGE THERMAL RESISTANCE
48-lead LQFP
JA
—41
—
°C/W
28-lead PLCC
JA
—33
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com