Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV232 Datasheet(PDF) 15 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 15 Page - Microchip Technology

Back Button HV232 Datasheet HTML 11Page - Microchip Technology HV232 Datasheet HTML 12Page - Microchip Technology HV232 Datasheet HTML 13Page - Microchip Technology HV232 Datasheet HTML 14Page - Microchip Technology HV232 Datasheet HTML 15Page - Microchip Technology HV232 Datasheet HTML 16Page - Microchip Technology HV232 Datasheet HTML 17Page - Microchip Technology HV232 Datasheet HTML 18Page - Microchip Technology HV232 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
 2024-2026 Microchip Technology Inc. and its subsidiaries
DS20005820B-page 15
HV232
Microchip Technology Drawing C04-278 Rev A Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
48-Lead Low-profile Plastic Quad Flat Pack Package (R8) -7x7 mm Body [LQFP]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Supertex Legacy Package
H
L
(L1)
SECTION A-A
Molded Package Thickness
Dimension Limits
Mold Draft Angle Top
Foot Length
Lead Width
Molded Package Length
Molded Package Width
Overall Length
Overall Width
Foot Angle
Footprint
Standoff
Overall Height
Lead Pitch
Number of Leads
0.75
0.60
0.45
L
0.22
7.00 BSC
7.00 BSC
9.00 BSC
9.00 BSC
3.5°
1.00 REF
b
D1
E1
0.17
11°
D
E
L1
0°
13°
0.27
7°
1.40
0.50 BSC
48
NOM
MILLIMETERS
A1
A2
A
e
0.05
1.35
1.40
Units
N
MIN
1.45
0.15
1.60
0.10
1.50
MAX
12°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com