Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV232 Datasheet(PDF) 11 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HV232 Datasheet HTML 7Page - Microchip Technology HV232 Datasheet HTML 8Page - Microchip Technology HV232 Datasheet HTML 9Page - Microchip Technology HV232 Datasheet HTML 10Page - Microchip Technology HV232 Datasheet HTML 11Page - Microchip Technology HV232 Datasheet HTML 12Page - Microchip Technology HV232 Datasheet HTML 13Page - Microchip Technology HV232 Datasheet HTML 14Page - Microchip Technology HV232 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2024-2026 Microchip Technology Inc. and its subsidiaries
DS20005820B-page 11
HV232
3.0
FUNCTIONAL DESCRIPTION
3.1
Test Circuits
Figure 3-1 to Figure 3-8 show the test circuits for
HV232.
FIGURE 3-1:
Switch Off Leakage.
FIGURE 3-2:
DC Offset On/Off.
FIGURE 3-3:
TON/TOFF Test Circuit.
FIGURE 3-4:
Off Isolation.
FIGURE 3-5:
Isolation Diode Current.
FIGURE 3-6:
Crosstalk.
I
SOL
V
PP –10V
Open
R
GND
Open
V
PP
5.0V
V
NN
VPP
VNN
VDD
GND
V
OUT
R
GND
5.0V
VPP
VNN
VDD
GND
V
PP
V
NN
5.0V
VPP
VNN
VDD
GND
V
PP –10V
R
L
10KΩ
V
OUT
R
GND
V
PP
V
NN
KO = 20Log
VOUT
VIN
VIN = 10 VP–P
@5MHz
R
L
V
OUT
R
GND
5.0V
VPP
VNN
VDD
GND
V
PP
V
NN
I
ID
V
NN
V
SIG
R
GND
5.0V
VPP
VNN
VDD
GND
V
PP
V
NN
KCR = 20Log
VOUT
VIN
VIN = 10 VP–P
@5MHz
NC
50Ω
50Ω
R
GND
5.0V
VPP
VNN
VDD
GND
V
PP
V
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com