Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6375IDF#PBF Datasheet(PDF) 6 Page - Analog Devices

Part # LT6375IDF#PBF
Description  ±270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6375IDF#PBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LT6375IDF#PBF Datasheet HTML 2Page - Analog Devices LT6375IDF#PBF Datasheet HTML 3Page - Analog Devices LT6375IDF#PBF Datasheet HTML 4Page - Analog Devices LT6375IDF#PBF Datasheet HTML 5Page - Analog Devices LT6375IDF#PBF Datasheet HTML 6Page - Analog Devices LT6375IDF#PBF Datasheet HTML 7Page - Analog Devices LT6375IDF#PBF Datasheet HTML 8Page - Analog Devices LT6375IDF#PBF Datasheet HTML 9Page - Analog Devices LT6375IDF#PBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT6375
6
6375fa
For more information www.linear.com/LT6375
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA < 125°C for H-grade parts, otherwise specifications are at TA = 25°C,
V+ = 5V, V– = 0V, VCM = VOUT = VREF = Mid-Supply. VCMOP is the common mode voltage of the internal op amp. For Resistor
Divider Ratio = 7, ±REFA = ±REFC = OPEN, ±REFB = Mid-Supply. For Resistor Divider Ratio = 20, ±REFA = ±REFC = Mid-Supply,
±REFB = OPEN. For Resistor Divider Ratio = 25, ±REFA = ±REFB = ±REFC = Mid-Supply.
SYMBOL PARAMETER
CONDITIONS
LT6375A
LT6375
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Output Referred Noise
Voltage
f = 0.1Hz to 10Hz
Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
10
20
25
10
20
25
µVP-P
µVP-P
µVP-P
VOL
Output Voltage Swing Low
(Referred to V–)
No Load
ISINK = 5mA
l
l
5
280
50
500
5
280
50
500
mV
mV
VOH
Output Voltage Swing High
(Referred to V+)
No Load
ISOURCE = 5mA
l
l
5
400
20
750
5
400
20
750
mV
mV
ISC
Short-Circuit Output Current 50Ω to V+
50Ω to V–
l
l
10
10
27
25
10
10
27
25
mA
mA
SR
Slew Rate
∆VOUT = 3V
l
1.3
2
1.3
2
V/µs
BW
Small Signal –3dB Bandwidth Resistor Divider Ratio = 7
Resistor Divider Ratio = 20
Resistor Divider Ratio = 25
565
380
325
565
380
325
kHz
kHz
kHz
tS
Settling Time
Resistor Divider Ratio = 7
0.01%, ∆VOUT = 2V
0.1%, ∆VOUT = 2V
0.01%, ∆VCM = 2V, ∆VDIFF = 0V
18
10
64
18
10
64
µs
µs
µs
Resistor Divider Ratio = 20
0.01%, ∆VOUT = 2V
0.1%, ∆VOUT = 2V
0.01%, ∆VCM = 2V, ∆VDIFF = 0V
24
7
48
24
7
48
µs
µs
µs
Resistor Divider Ratio = 25
0.01%, ∆VOUT = 2V
0.1%, ∆VOUT = 2V
0.01%, ∆VCM = 2V, ∆VDIFF = 0V
27
9
20
27
9
20
µs
µs
µs
VS
Supply Voltage
l
3
3.3
50
50
3
3.3
50
50
V
V
tON
Turn-On Time
22
22
µs
VIL
SHDN Input Logic Low
(Referred to V+)
l
–2.5
–2.5
V
VIH
SHDN Input Logic High
(Referred to V+)
l
–1.2
–1.2
V
ISHDN
SHDN Pin Current
l
–10
–15
–10
–15
µA
IS
Supply Current
Active, VSHDN ≥ V+ –1.2V
Active, VSHDN ≥ V+ –1.2V
Shutdown, VSHDN ≤ V+ –2.5V
Shutdown, VSHDN ≤ V+ –2.5V
l
l
330
15
370
525
20
40
330
15
370
525
20
40
µA
µA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com