Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6375IDF#PBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT6375IDF#PBF
Description  ±270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6375IDF#PBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT6375IDF#PBF Datasheet HTML 4Page - Analog Devices LT6375IDF#PBF Datasheet HTML 5Page - Analog Devices LT6375IDF#PBF Datasheet HTML 6Page - Analog Devices LT6375IDF#PBF Datasheet HTML 7Page - Analog Devices LT6375IDF#PBF Datasheet HTML 8Page - Analog Devices LT6375IDF#PBF Datasheet HTML 9Page - Analog Devices LT6375IDF#PBF Datasheet HTML 10Page - Analog Devices LT6375IDF#PBF Datasheet HTML 11Page - Analog Devices LT6375IDF#PBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LT6375
8
6375fa
For more information www.linear.com/LT6375
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Gain Error for Low Supply
Voltages (Curves Offset for Clarity)
Gain Nonlinearity
Gain Nonlinearity
Typical Gain Error for RL = 10kΩ
(Curves Offset for Clarity)
Typical Gain Error for RL = 5kΩ
(Curves Offset for Clarity)
Typical Gain Error for RL = 2kΩ
(Curves Offset for Clarity)
VS = ±18V
OUTPUT VOLTAGE (V)
–20 –16 –12 –8 –4 0
4
8 12 16 20
6375 G10
VS = ±15V
VS = ±12V
VS = ±10V
OUTPUT VOLTAGE (V)
–20 –16 –12 –8 –4 0
4
8 12 16 20
6375 G11
VS = ±18V
VS = ±15V
VS = ±12V
VS = ±10V
OUTPUT VOLTAGE (V)
–20 –16 –12 –8 –4 0
4
8 12 16 20
6375 G12
VS = ±18V
VS = ±15V
VS = ±12V
VS = ±10V
VS = ±5V, RL = 10kΩ
VS = ±5V, RL = 2kΩ
VS = ±5V, RL = 1kΩ
VS = ±2.5V, RL = 1kΩ
OUTPUT VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
6375 G13
VS = ±15V
RL = 2kΩ
OUTPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
–100
–80
–60
–40
–20
0
20
40
60
80
100
6375 G14
VS = ±15V
RL = 10kΩ
OUTPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
–100
–80
–60
–40
–20
0
20
40
60
80
100
6375 G15
TA = 25°C, VS = ±15V, unless otherwise noted.
Typical Distribution of Gain
Nonlinearity
CMRR vs Frequency
Common Mode Voltage Range vs
Power Supply Voltage
VS = ±15V
VOUT = ±10V
GAIN NONLINEARITY (ppm)
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
0
50
100
150
200
250
300
6375 G07
1332 UNITS
FROM 4 RUNS
BOTH PACKAGES
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
6375 G08
DIV = 7
MS16(12)
DIV=7
DIV=10
DIV=12
DIV=15
DIV=17
DIV=20
DIV=25
OTT
POWER SUPPLY VOLTAGE (±V)
0
5
10
15
20
25
30
–300
–250
–200
–150
–100
–50
0
50
100
150
200
250
300
LT6375 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com