Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6375IDF#PBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT6375IDF#PBF
Description  ±270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6375IDF#PBF Datasheet(HTML) 1 Page - Analog Devices

  LT6375IDF#PBF Datasheet HTML 1Page - Analog Devices LT6375IDF#PBF Datasheet HTML 2Page - Analog Devices LT6375IDF#PBF Datasheet HTML 3Page - Analog Devices LT6375IDF#PBF Datasheet HTML 4Page - Analog Devices LT6375IDF#PBF Datasheet HTML 5Page - Analog Devices LT6375IDF#PBF Datasheet HTML 6Page - Analog Devices LT6375IDF#PBF Datasheet HTML 7Page - Analog Devices LT6375IDF#PBF Datasheet HTML 8Page - Analog Devices LT6375IDF#PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT6375
1
6375fa
For more information www.linear.com/LT6375
TYPICAL APPLICATION
FEATURES
DESCRIPTION
±270V Common Mode
Voltage Difference Amplifier
The LT®6375 is a unity-gain difference amplifier which
combinesexcellentDCprecision,averyhighinputcommon
mode range and a wide supply voltage range. It includes a
precision op amp and a highly-matched thin film resistor
network. It features excellent CMRR, extremely low gain
error and extremely low gain drift.
Comparing the LT6375 to existing difference amplifiers
with high common mode voltage range, the selectable
resistor divider ratios of the LT6375 offer superior system
performance by allowing the user to achieve maximum
SNR, precision and speed for a specific input common
mode voltage range.
The op amp at the core of the LT6375 has Over-The-Top®
protected inputs which allow for robust operation in envi-
ronments with unpredictable voltage conditions. See the
Applications Information section for more details.
The LT6375 is specified over the –40°C to 125°C tem-
perature range and is available in space-saving MSOP16
and DFN14 packages.
Precision Wide Voltage Range, Bidirectional Current Monitor
APPLICATIONS
n
High Side or Low Side Current Sensing
n
Bidirectional Wide Common Mode Range Current Sensing
n
High Voltage to Low Voltage Level Translation
n
Precision Difference Amplifier
n
Industrial Data-Acquisition Front-Ends
n
Replacement for Isolation Circuits
L
, LT, LTC, LTM, Linear Technology, Over-The-Top and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
n
±270V Common Mode Voltage Range
n
97dB Minimum CMRR (LT6375A)
n
0.0035% (35ppm) Maximum Gain Error (LT6375A)
n
1ppm/°C Maximum Gain Error Drift
n
2ppm Maximum Gain Nonlinearity
n
Wide Supply Voltage Range: 3.3V to 50V
n
Rail-to-Rail Output
n
350µA Supply Current
n
Selectable Internal Resistor Divider Ratio
n
300µV Maximum Offset Voltage (LT6375A)
n
575kHz –3dB Bandwidth (Resistor Divider = 7)
n
375kHz –3dB Bandwidth (Resistor Divider = 20)
n
–40°C to 125°C Specified Temperature Range
n
Low Power Shutdown: 20μA (DFN Package Only)
n
Space-Saving MSOP and DFN Packages
CMRR (µV/V = ppm)
–40 –30 –20 –10
0
10
20
30
40
0
20
40
60
80
100
120
140
160
180
200
6375 TA01b
1248 UNITS
FROM 4 RUNS
VS = ±15V
VIN = ±270V
DIV = 25
Typical Distribution of CMRR
–
+
V+
V–
–15V
VSOURCE+ = –270V TO 270V
15V
OUT
VOUT = ±10mV/mA
REF
–REFA
–IN
+IN
–REFB
19k
38k
190k
190k
190k
23.75k
–REFC
+REFA
+REFB
+REFC
6375 TA01a
19k
38k
SHDN
23.75k
RC
10Ω
RSENSE
10Ω
190k
LOAD


Similar Part No. - LT6375IDF#PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Analog Devices
LT6375 AD-LT6375 Datasheet
270Kb / 16P
±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
Rev 0
More results

Similar Description - LT6375IDF#PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
Common Mode Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com