Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8818D/KDX Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN8818D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN8818D/KDX Datasheet HTML 2Page - Microchip Technology LAN8818D/KDX Datasheet HTML 3Page - Microchip Technology LAN8818D/KDX Datasheet HTML 4Page - Microchip Technology LAN8818D/KDX Datasheet HTML 5Page - Microchip Technology LAN8818D/KDX Datasheet HTML 6Page - Microchip Technology LAN8818D/KDX Datasheet HTML 7Page - Microchip Technology LAN8818D/KDX Datasheet HTML 8Page - Microchip Technology LAN8818D/KDX Datasheet HTML 9Page - Microchip Technology LAN8818D/KDX Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
LAN8818D
DS00005832C-page 6
© 2026 Microchip Technology Inc. and its subsidiaries
1.2
Buffer Types
TABLE 1-2:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
AI
Analog input
AO
Analog output
AIO
Analog bidirectional
GND
Ground pin
ICLK
Single-ended clock reference input pin
LVDS1
LVDS1 input pin
SRL
Slew Rate Limited output
VIS
Variable voltage Schmitt-triggered input
VO12
Variable voltage output with 12 mA sink and 12 mA source
VOD12
Variable voltage open-drain output with 12 mA sink
VOS12
Variable voltage open-source output with 12 mA source
PU
70 kΩ (typical) internal pull-up. Unless otherwise noted in the pin description, internal pull-ups
are always enabled.
Note:
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load
that must be pulled high, an external resistor must be added.
PD
70 kΩ (typical) internal pull-down. Unless otherwise noted in the pin description, internal pull-
downs are always enabled.
Note:
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load
that must be pulled low, an external resistor must be added.
P
Power pin
Note:
Digital signals are not 5V tolerant unless specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com