Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8818D/KDX Datasheet(PDF) 85 Page - Microchip Technology

Part # LAN8818D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX Datasheet(HTML) 85 Page - Microchip Technology

Back Button LAN8818D/KDX Datasheet HTML 81Page - Microchip Technology LAN8818D/KDX Datasheet HTML 82Page - Microchip Technology LAN8818D/KDX Datasheet HTML 83Page - Microchip Technology LAN8818D/KDX Datasheet HTML 84Page - Microchip Technology LAN8818D/KDX Datasheet HTML 85Page - Microchip Technology LAN8818D/KDX Datasheet HTML 86Page - Microchip Technology LAN8818D/KDX Datasheet HTML 87Page - Microchip Technology LAN8818D/KDX Datasheet HTML 88Page - Microchip Technology LAN8818D/KDX Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 85
6.6.5
MDC/MDIO TIMING
This section specifies the MDC/MDIO timing of the device. These timing numbers are valid for high-speed MDIO oper-
ation using push-pull MDIO buffers.
Note 6-17
The device can operate with MDC clock frequencies generated from bit banging in the 10s/100s of
Hertz.
Note 6-18
These values provide 2 ns margin beyond the IEEE specification.
FIGURE 6-5:
MDC/MDIO TIMING
TABLE 6-14:
MDC/MDIO TIMING VALUES
Symbol
Description
Min
Typ
Max
Unit
tclkp
MDC period
40
—
Note 6-17
ns
tclkh
MDC high time
10
—
—
ns
tclkl
MDC low time
10
—
—
ns
tval
MDIO (read from PHY) output valid from rising
MDIO of MDC
—
—
20
ns
tohold
MDIO (read from PHY) output hold from rising
edge of MDC
4—
—
ns
tsu
MDIO (write to PHY) input setup time to rising
edge of MDC
8
Note 6-18
——
ns
tihold
MDIO (write to PHY) input hold time after rising
edge of MDC
8
Note 6-18
——
ns
MDC
MDIO
tclkh
tclkl
tclkp
MDIO
tsu tihold
(Data-Out)
(Data-In)
tohold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com