Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9352
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9352 Datasheet HTML 9Page - STMicroelectronics L9352 Datasheet HTML 10Page - STMicroelectronics L9352 Datasheet HTML 11Page - STMicroelectronics L9352 Datasheet HTML 12Page - STMicroelectronics L9352 Datasheet HTML 13Page - STMicroelectronics L9352 Datasheet HTML 14Page - STMicroelectronics L9352 Datasheet HTML 15Page - STMicroelectronics L9352 Datasheet HTML 16Page - STMicroelectronics L9352 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
L9352
2.0
Timing Diagrams
2.1 Non Regulated Channels
Figure 5. Output Slope, Resistive Load
Figure 6. Overload Switch-OFF Delay
99AT0061
t
V
I
V
IH
V
IL
t
V
Q
t
ON
t
f
V
S
t
OFF
t
r
15% V
S
85% V
S
00RS0001
t
I
Q
I
QO
I
QU
t
V
ST
t
D
t
SCP
t
sf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com