Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9352
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 4 Page - STMicroelectronics

  L9352 Datasheet HTML 1Page - STMicroelectronics L9352 Datasheet HTML 2Page - STMicroelectronics L9352 Datasheet HTML 3Page - STMicroelectronics L9352 Datasheet HTML 4Page - STMicroelectronics L9352 Datasheet HTML 5Page - STMicroelectronics L9352 Datasheet HTML 6Page - STMicroelectronics L9352 Datasheet HTML 7Page - STMicroelectronics L9352 Datasheet HTML 8Page - STMicroelectronics L9352 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
L9352
4/21
ABSOLUTE MAXIMUM RATINGS
The absolute maximum ratings are the limiting values for this device. Damage may occur if this device is sub-
jected to conditions which are beyond these values.
THERMAL DATA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
EQ
Switch off energy for inductive loads
50
mJ
Voltages
VS
Supply voltage
-0.3
40
V
VCC, VDD
Supply voltage
-0.3
6
V
VQ
Output voltage static
40
V
VQ
Output voltage during clamping
t < 1ms
60
V
VIN, VEN
Input voltage IN1 to IN4, EN
II < |10|mA
-1.5
6
V
VCLK
Input Voltage CLK
-1.5
6
V
VST
Output voltage status
-0.3
6
V
VD
Recirculation circuits D3, D4
40
V
VDRmax
max. reverse breakdown voltage of free
wheeling diodes D3, D4
55
V
Currents
IQ1/2
Output current for Q1 and Q2
>5
internal
limited
A
IQ3/4
Output current for Q3 and Q4
>3
internal
limited
A
IQ1/2,
IPGND1/2
Output current at reversal supply for Q1
and Q2
-4
A
IQ3/4,
IPGND3/4
Output current at reversal supply for
Q3 and Q4
-2
A
IST
Output current status pin
-5
5
mA
ESD Protection
ESD
Electrostatical Discharging
GND, PGND, Qx, Dx, CLK, ST, IN,
TEST, EN
MIL883C
±2kV
VS,
VCC,VDD
Supply pins
vs. GND and PGND
±1
kV
ESD
Output Pins (Qx, Dx)
vs. Common GND
(PGND1-4 + GND)
±4kV
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Tj
Junction temperature
Tj
-40
150
°C
Tjc
Junction temperature during clamping
(life time)
Σt = 30min
Σt = 15min
175
190
°C
Tstg
Storage temperature
Tstg
-55
150
°C
Tth
Overtemperature shutdown threshold
(1)
(1)
This parameter will not be tested but assured by design
175
200
°C
Thy
Overtemperature shutdown hysteresis
(1)
10
°C
RthJC
Thermal resistance junction to case
RthJC
2
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com