Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9352
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9352 Datasheet HTML 13Page - STMicroelectronics L9352 Datasheet HTML 14Page - STMicroelectronics L9352 Datasheet HTML 15Page - STMicroelectronics L9352 Datasheet HTML 16Page - STMicroelectronics L9352 Datasheet HTML 17Page - STMicroelectronics L9352 Datasheet HTML 18Page - STMicroelectronics L9352 Datasheet HTML 19Page - STMicroelectronics L9352 Datasheet HTML 20Page - STMicroelectronics L9352 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
L9352
18/21
Figure 14. Current Regulation Error (e.g. as a result of voltage reduction)
Figure 15. Overtemperature
99AT0071
V
IN
V
ST
500
µs
t
RE
target current
PWM
ratio = 90%
V
Q
I
Q
99AT0072
V
IN
V
ST
500
µs
target current
V
Q
t
DREG
Reset Fail
register
Overtemperature
Condition
Set Fail
register
I
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com