Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3200TL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3200TL
Description  Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3200TL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3200TL Datasheet HTML 1Page - National Semiconductor (TI) LM3200TL Datasheet HTML 2Page - National Semiconductor (TI) LM3200TL Datasheet HTML 3Page - National Semiconductor (TI) LM3200TL Datasheet HTML 4Page - National Semiconductor (TI) LM3200TL Datasheet HTML 5Page - National Semiconductor (TI) LM3200TL Datasheet HTML 6Page - National Semiconductor (TI) LM3200TL Datasheet HTML 7Page - National Semiconductor (TI) LM3200TL Datasheet HTML 8Page - National Semiconductor (TI) LM3200TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics (Notes 2, 7) Limits in standard typeface are for T
A =TJ = 25˚C. Limits in boldface
type apply over the full operating ambient temperature range (−25˚C
≤ T
A =TJ
≤ +85˚C). Unless otherwise noted,
specifications apply to the LM3200 with: PV
IN =VDD = EN = 3.6V, BYP = 0V. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IL
Logic Low Input
Threshold for EN, BYP
0.4
V
I
PIN
Pin Pull Down Current
for EN, BYP
EN, BYP = 3.6V
5
10
µA
Gain
V
CON to VOUT Gain
3
V/V
I
CON
V
CON Input Leakage
Current
V
CON = 1.2V
10
nA
System Characteristics The following spec table entries are guaranteed by design if the component values
in the typical application circuit are used. These parameters are not guaranteed by production testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
RESPONSE Time for VOUT to Rise
from 0.8V to 3.4V in
PWM Mode
V
IN = 4.2V, COUT = 4.7 µF,
R
LOAD =15
Ω
L = 2.2 uH
25
µs
C
CON
V
CON Input
Capacitance
V
CON = 1V,
Test frequency = 100 kHz
15
pF
T
ON_BYP
Bypass FET Turn On
Time In Bypass Mode
V
IN = 3.6V, VCON = 0.267V,
C
OUT = 4.7 µF, RLOAD =15
Ω
BYP = Low to High
30
µs
T
BYP
Auto Bypass Detect
Delay Time
(Note 10)
10
15
20
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pins.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150˚C (typ.) and disengages at TJ =
130˚C (typ.).
Note 4: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine model is a 200 pF
capacitor discharged directly into each pin. National Semiconductor recommends that all integrated circuits be handled with Appropriate precautions. Failure to
observe proper ESD handling techniques can result in damage.
Note 5: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125˚C), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 6: Junction-to-ambient thermal resistance (
θJA) is taken from thermal measurements, performed under the conditions and guidelines set forth in the JEDEC
standard JESD51-7. A 1" x 1", 4 layer, 1.5 oz. Cu board was used for the measurements.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: The LM3200 is designed for mobile phone applications where turn-on after power-up is controlled by the system controller and where requirements for a
small package size overrule increased die size for internal Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low
until the input voltage exceeds 2.7V.
Note 9: Over-Voltage protection (OVP) threshold is the voltage above the nominal VOUT where the OVP comparator turns off the PFET switch while in PWM mode.
Note 10: VIN is compared to the programmed output voltage (VOUT). When VIN–VOUT falls below VBYPASS− for longer than TBYP the Bypass FET turns on and the
switching FETs turn off. This is called the Bypass mode. Bypass mode is exited when VIN–VOUT exceeds VBYPASS
+ for longer than T
BYP, and PWM mode returns.
The hysterisis for the bypass detection threshold VBYPASS
+ –V
BYPASS− will always be positive and will be approximately 200 mV(typ.).
Note 11: Shutdown current includes leakage current of PFET and Bypass FET.
Note 12: Electrical Characteristic table reflects open loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated).
Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Closed loop current limit is the peak inductor current
measured in the application circuit by increasing output current until output voltage drops by 10%.
Note 13: Bypass FET current limit is defined as the load current at which the FB voltage is 1V lower than VIN.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com