Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3200TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3200TL
Description  Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3200TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3200TL Datasheet HTML 1Page - National Semiconductor (TI) LM3200TL Datasheet HTML 2Page - National Semiconductor (TI) LM3200TL Datasheet HTML 3Page - National Semiconductor (TI) LM3200TL Datasheet HTML 4Page - National Semiconductor (TI) LM3200TL Datasheet HTML 5Page - National Semiconductor (TI) LM3200TL Datasheet HTML 6Page - National Semiconductor (TI) LM3200TL Datasheet HTML 7Page - National Semiconductor (TI) LM3200TL Datasheet HTML 8Page - National Semiconductor (TI) LM3200TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3200
Miniature, Adjustable, Step-Down DC-DC Converter with
Bypass Mode for RF Power Amplifiers
General Description
The LM3200 is a DC-DC converter optimized for powering
RF power amplifiers (PAs) from a single Lithium-Ion cell. It
steps down an input voltage of 2.7V to 5.5V to a variable
output voltage of 0.8V to 3.6V. The output voltage is set
using an analog input ( V
CON) for optimizing efficiency of the
RF PA at various power levels.
The LM3200 offers superior features and performance for
mobile phones and similar RF PA applications. Fixed-
frequency PWM mode minimizes RF interference. Bypass
mode turns on an internal bypass switch to power the PA
directly from the battery. LM3200 has both forced and auto-
matic bypass modes. Shutdown mode turns the device off
and reduces battery consumption to 0.1 µA (typ.). The
LM3200 is available in a 10-pin lead free micro SMD pack-
age. A high switching frequency (2 MHz) allows use of tiny
surface-mount components. Only three small external
surface-mount components, an inductor and two ceramic
capacitors are required.
Features
n
2 MHz (typ.) PWM Switching Frequency
n
Operates from a single Li-Ion cell (2.7V to 5.5V)
n
Variable Output Voltage (0.8V to 3.6V)
n
300 mA Maximum load capability (PWM mode)
n
500 mA Maximum load capability (Bypass mode)
n
PWM, Forced and Automatic Bypass Mode
n
High Efficiency (96% Typ at 3.6V
IN, 3.2VOUT at 120 mA)
from internal synchronous rectification
n
10-pin micro SMD Package
n
Current Overload Protection
n
Thermal Overload Protection
Applications
n
Cellular Phones
n
Hand-Held Radios
n
RF PC Cards
n
Battery Powered RF Devices
Typical Application
20126101
November 2005
© 2005 National Semiconductor Corporation
DS201261
www.national.com


Similar Part No. - LM3200TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200TL NSC-LM3200TL Datasheet
885Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200TL/NOPB TI1-LM3200TL/NOPB Datasheet
982Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3200TLX NSC-LM3200TLX Datasheet
885Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

Similar Description - LM3200TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com