Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3200TL Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3200TL
Description  Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3200TL Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3200TL Datasheet HTML 6Page - National Semiconductor (TI) LM3200TL Datasheet HTML 7Page - National Semiconductor (TI) LM3200TL Datasheet HTML 8Page - National Semiconductor (TI) LM3200TL Datasheet HTML 9Page - National Semiconductor (TI) LM3200TL Datasheet HTML 10Page - National Semiconductor (TI) LM3200TL Datasheet HTML 11Page - National Semiconductor (TI) LM3200TL Datasheet HTML 12Page - National Semiconductor (TI) LM3200TL Datasheet HTML 13Page - National Semiconductor (TI) LM3200TL Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical Performance Characteristics (Circuit in Figure 1,PV
IN =VDD = EN = 3.6V, BYP = 0V, TA =
25˚C, unless otherwise noted) (Continued)
R
DSON vs Temperature
(Bypass FET)
Dropout Voltage vs Output Current
(Bypass Mode)
20126134
20126141
Block Diagram
20126135
Operation Description
The LM3200 is a simple, step-down DC-DC converter with a
bypass switch, optimized for powering RF power amplifiers
(PAs) in mobile phones, portable communicators, and similar
battery powered RF devices. It is designed to allow the RF
PA to operate at maximum efficiency over a wide range of
power levels from a single Li-Ion battery cell. It is based on
current-mode buck architecture, with synchronous rectifica-
tion for high efficiency. It is designed for a maximum load
capability of 300 mA in PWM mode and 500 mA in bypass
mode. Maximum load range may vary from this depending
on input voltage, output voltage and the inductor chosen.
The device has three-pin selectable operating modes re-
quired for powering RF PAs in mobile phones and other
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com