Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3674 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3674
Description  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3674 Datasheet HTML 1Page - National Semiconductor (TI) LM3674 Datasheet HTML 2Page - National Semiconductor (TI) LM3674 Datasheet HTML 3Page - National Semiconductor (TI) LM3674 Datasheet HTML 4Page - National Semiconductor (TI) LM3674 Datasheet HTML 5Page - National Semiconductor (TI) LM3674 Datasheet HTML 6Page - National Semiconductor (TI) LM3674 Datasheet HTML 7Page - National Semiconductor (TI) LM3674 Datasheet HTML 8Page - National Semiconductor (TI) LM3674 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ordering Information
Voltage Option
(V)
Order Number
(Level 95)
SPEC
Package Marking
Supplied As
(#/reel)
1.2
LM3674MF-1.2
NO PB
SLRB
1000
LM3674MFX-1.2
NO PB
3000
LM3674MF-1.2
1000
LM3674MFX-1.2
3000
1.5
LM3674MF-1.5
NO PB
SLSB
1000
LM3674MFX-1.5
NO PB
3000
LM3674MF-1.5
1000
LM3674MFX-1.5
3000
1.8
LM3674MF-1.8
NO PB
SLHB
1000
LM3674MFX-1.8
NO PB
3000
LM3674MF-1.8
1000
LM3674MFX-1.8
3000
1.875
LM3674MF-1.875
NO PB
SNNB
1000
LM3674MF-1.875
NO PB
3000
LM3674MF-1.875
1000
LM3674MF-1.875
3000
2.8
LM3674MF-2.8
NO PB
SLZB
1000
LM3674MFX-2.8
NO PB
3000
LM3674MF-2.8
1000
LM3674MFX-2.8
3000
ADJ
LM3674MF-ADJ
NO PB
SLTB
1000
LM3674MFX-ADJ
NO PB
3000
LM3674MF-ADJ
1000
LM3674MFX-ADJ
3000
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com