Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3674 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3674
Description  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3674 Datasheet HTML 7Page - National Semiconductor (TI) LM3674 Datasheet HTML 8Page - National Semiconductor (TI) LM3674 Datasheet HTML 9Page - National Semiconductor (TI) LM3674 Datasheet HTML 10Page - National Semiconductor (TI) LM3674 Datasheet HTML 11Page - National Semiconductor (TI) LM3674 Datasheet HTML 12Page - National Semiconductor (TI) LM3674 Datasheet HTML 13Page - National Semiconductor (TI) LM3674 Datasheet HTML 14Page - National Semiconductor (TI) LM3674 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
•
I
Ripple : average to peak inductor current
•
I
outmax: maximum load current (600mA)
•
V
IN: maximum input voltage in application
•
L: min inductor value including worst case tolerances
(30% drop can be considered for method 1)
•
f: minimum switching frequency (1.6 MHz)
•
V
OUT: output voltage
Method 2:
A more conservative and recommended approach is to
choose an inductor that has saturation current rating greater
than the max current limit of 1200 mA.
A 2.2 µH inductor with a saturation current rating of at least
1200 mA is recommended for most applications. The induc-
tor’s resistance should be less than around 0.3
Ω for good
efficiency. Table 2 lists suggested inductors and suppliers.
For low-cost applications, an unshielded bobbin inductor is
suggested. For noise critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is
to lay out the board with overlapping footprints of both types
for design flexibility. This allows substitution of a low-noise
toroidal inductor, in the event that noise from low-cost bobbin
models is unacceptable.
INPUT CAPACITOR SELECTION
A ceramic input capacitor of 4.7 µF, 6.3V is sufficient for most
applications. Place the input capacitor as close as possible
to the V
IN pin of the device. A larger value may be used for
improved input voltage filtering. Use X7R or X5R types; do
not use Y5V. DC bias characteristics of ceramic capacitors
must be considered when selecting case sizes like 0805 and
0603. The minimum input capacitance to guarantee
good performance is 2.2µF at 3V dc bias; 1.5µF at 5V dc
bias including tolerances and over ambient temperature
range. The input filter capacitor supplies current to the PFET
switch of the LM3674 in the first half of each cycle and
reduces voltage ripple imposed on the input power source. A
ceramic capacitor’s low ESR provides the best noise filtering
of the input voltage spikes due to this rapidly changing
current. Select a capacitor with sufficient ripple current rat-
ing. The input current ripple can be calculated as:
TABLE 2. Suggested Inductors and Their Suppliers
Model
Vendor
Dimensions LxWxH(mm)
D.C.R (max)
DO3314-222MX
Coilcraft
3.3 x 3.3 x 1.4
200 m
Ω
LPO3310-222MX
Coilcraft
3.3 x 3.3 x 1.0
150 m
Ω
ELL5GM2R2N
Panasonic
5.2 x 5.2 x 1.5
53 m
Ω
CDRH2D14NP-2R2NC
Sumida
3.2 x 3.2 x 1.55
94 m
Ω
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com