Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3674 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3674
Description  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3674 Datasheet HTML 1Page - National Semiconductor (TI) LM3674 Datasheet HTML 2Page - National Semiconductor (TI) LM3674 Datasheet HTML 3Page - National Semiconductor (TI) LM3674 Datasheet HTML 4Page - National Semiconductor (TI) LM3674 Datasheet HTML 5Page - National Semiconductor (TI) LM3674 Datasheet HTML 6Page - National Semiconductor (TI) LM3674 Datasheet HTML 7Page - National Semiconductor (TI) LM3674 Datasheet HTML 8Page - National Semiconductor (TI) LM3674 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics (Notes 2, 9, 10) Limits in standard typeface are for T
J = 25˚C. Limits in boldface
type apply over the full operating junction temperature range (−30˚C
≤ T
J
≤ 125˚C). Unless otherwise noted, specifications
apply to the LM3674 with V
IN = EN = 3.6V (Continued)
Note 11: Input voltage range recommended for ideal applications performance for the specified output voltages are given below
VIN = 2.7V to 5.5V for 1.0V ≤ VOUT < 1.8V
VIN =(VOUT +VDROP OUT) to 5.5V for 1.8 ≤ VOUT≤ 3.3V
Where VDROP OUT =ILOAD *(RDSON (P) +RINDUCTOR)
Note 12: ADJ configured to 1.5V output.
Note 13: For VOUT less than 2.5V, VIN = 3.6V, for VOUT greater than or equal to 2.5V, VIN =VOUT +1.
Dissipation Rating Table
θ
JA
T
A
≤ 25˚C (Power Rating) T
A = 60˚C (Power Rating) TA = 85˚C (Power Rating)
250˚C/W (2 layer board)
400mW
260mW
160mW
130˚C/W (4 layer board)
770mW
500mW
310mW
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com